Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS98O21 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
FS98O21
Rev. 1.7
4/136
5.
CLOCK SYSTEM ..................................................................................................................................... 39
5.1
Oscillator State ............................................................................................................................ 40
5.2
CPU Instruction Cycle ................................................................................................................ 42
5.3
ADC Sample Frequency ............................................................................................................. 43
5.4
Beeper Clock ............................................................................................................................... 44
5.5
Voltage Doubler Operation Frequency ......................................................................................46
5.6
Chopper Operation Amplifier Input Control Signal ..................................................................47
5.7
TMCLK -- Timer and LCD Module Input Clock.......................................................................... 48
6.
TIMER MODULE AND WATCH DOG TIMER...........................................................................................49
6.1
Timer Module............................................................................................................................... 51
6.1.1
Timer module interrupt ................................................................................................... 52
6.1.2
Using Timer with External/Internal Clock......................................................................53
6.2
Watch Dog Timer......................................................................................................................... 55
7.
I/O PORT .................................................................................................................................................. 56
7.1
Digital I/O Port with Analog Input Channel Shared: PT1[7:0] ..................................................65
7.2
Digital I/O Port and External Interrupt Input : PT2[0], PT2[1] ..................................................66
7.3
Digital I/O Port or PDM Output : PT2[2] ..................................................................................... 69
7.4
Digital I/O Port or I2C Serial Port : PT2[3]/SDA, PT2[4]/SCL....................................................71
7.5
Digital I/O Port : PT2[6:5] ............................................................................................................ 73
7.6
Digital I/O Port or Buzzer Output : PT2[7] ................................................................................. 75
8.
PDM (PULSE DENSITY MODULATOR) MODULE ..................................................................................77
9.
I2C MODULE (SLAVE MODE ONLY) ...................................................................................................... 83
10. ANALOG FUNCTION NETWORK ........................................................................................................... 90
10.1
Analog to Digital Converter (ADC) : .......................................................................................... 99
10.2
OPAMP : OP1............................................................................................................................. 103
11. ADC APPLICATION GUIDE ................................................................................................................... 105
11.1
ADC Output Format .................................................................................................................. 105
11.2
ADC Linear Range.....................................................................................................................105
11.3
ADC Output Rate and Settling Time ........................................................................................105
11.4
ADC Input Offset ....................................................................................................................... 105
11.5
ADC Digital Output.................................................................................................................... 106
11.6
ADC Resolution......................................................................................................................... 106
12. LOW NOISE OPERATION AMPLIFIER GUIDE ..................................................................................... 107
12.1
Single End Amplifier Application............................................................................................. 107
12.2
Differential Amplifier ................................................................................................................. 108
13. LCD DRIVER .......................................................................................................................................... 109
14. HALT AND SLEEP MODES ................................................................................................................... 121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com