Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
FS98O21
Rev. 1.7
10/136
1.
Device Overview
The FS98O21 is a CMOS 8-bit single chip microcontroller(MCU) with embedded a 2kx16 bits one-time
programmable (OTP) ROM, a 6-channel 14-bit fully differential input analog to digital converter, low noise
amplifier, and 4 x 12 LCD driver.
The FS98O21 is best suited for applications such as electrical scale, meter, and sensor or transducer
measurement application etc.
High Performance RISC CPU
8-bit single chip microcontroller (MCU).
Embedded 2k x 16 bits program memory with one-time programmable (OTP) ROM.
128-byte data memory (SRAM).
Only 37 single word instructions to learn
6-level memory stacks.
Peripheral Features
16-bit bi-directional I/O port.
PDM (Pulse Density Modulator) output.
Buzzer output.
I2C serial I/O port (slave mode only).
4 x 12 LCD drivers.
One 6-channel 14-bit fully differential input analog to digital converter(ADC)
One low noise amplifier
2 external Interrupts
Analog Features
6-channel Sigma-Delta ADC with programmable output rate and resolution.
Low noise (1μV Vpp without chopper, 0.5μV Vpp with chopper, 0.1Hz~1Hz) OPAMP with chopper
controller.
Special Microcontroller Features
External 32768Hz crystal oscillator (RTC).
Embedded Low Voltage Reset (LVR) and Low Voltage Detector (LVD).
Note: LVR Operating Temperature is -40°C ~ 60°C. Please use reset IC when operating temperature is
over 60°C.
Embedded charge pump (Voltage Doubler) and voltage regulator (3.6V regulated output).
Embedded bandgap voltage reference (typical 1.16V±50mV, 100ppm/°C).
5 Interrupt sources (external: 3, internal: 2).
Internal silicon temperature sensor.
Watchdog timer (WDT).
Embedded 1.0 MHz oscillator.
Package: 57-pin dice form, 64-pin LQFP.
CMOS Technology
Voltage operation ranges from 2.2V to 3.6V.
Operation current is less than 4 mA; sleep mode current is about 3μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com