Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 90 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 90 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 86Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 87Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 88Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 89Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 90Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 91Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 92Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 93Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 94Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
FS98O21
Rev. 1.7
90/136
10. Analog Function Network
Please see Figure 10-1. FS98O21 Analog Function Network has 2 main functions: Low Noise OP Amplifier
(OPAMP) and Sigma Delta Analog to Digital Converter (ADC). OPAMP is used to amplify the input analog
signal for ADC. ADC is used to convert the analog signal to digital signal.
The OPAMP has 2 input ports as inverting side and non-inverting side. Users could setup SOP1P[2:0] and
SOP1N[1:0] to choose the input signals. S_CH1CK[1:0] and OP1EN register flags are used to control OPAMP
and OP1O is the OPAMP output port. The detailed operations will be described in Section 10.2.
The embedded ADC contains sigma delta modulator and digital comb filter. It is a fully differential input
system. User could give 2 signals for differential reference and 2 signals for differential input. ADC will convert
the ratio of differential input to differential reference to 14-bit digital output. The related control instructions will
be illustrated in Section 10.1.
SO P1P[2:0]
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
TEM P H
AGND
OP 1
OP 1O
+
_
OP 1E N
S _C H 1C K [1:0]
OP 1P
S IN H [2:0]
OP 1O
OP 1P
VR H
VR L
TE M P H
AIN5
AIN4
AGND
FTIN
SIN L [1:0]
AIN 1
AIN 2
AIN 3
TE M P L
IN L
SF TA [1:0]
FTB
FTIN
AIN 2
AIN 3
IN H
SV R L [1:0]
AGND
AIN2
VR L
SV R H [1:0]
VR H
AD C
A D O [15:0]
AD R S T
AD E N
A D G [1:0]
VR H
V RL
IN H
IN L
AZ
FTC
FT B
100K
AD M [2:0]
AIN0
AIN3
VR1P
VR2P
AIN1
VR2P
60K
20K
20K
VR1P
VR 2P
AG ND
REF O
SRE F O
SO P1N [1:0]
OP 1O
AIN 4
AIN 5
AIN 3
OP 1N
VRP
Figure 10-1 FS98O21 analog function network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com