Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 25 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 25 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 29Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
FS98O21
Rev. 1.7
25/136
3..4
INTE and INTF registers
The INTE and INTF registers are readable and writable registers, and contain enable and flag bits for interrupt
devices.
Register INTE at address 07h
property
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
INTE
GIE
TMIE
I2CIE
ADIE
E1IE
E0IE
Bit7
Bit0
Bit 7
GIE
: Global Interrupt Enable flag
1 = Enable all unmasked interrupts
0 = Disable all interrupts
Bit 4
TMIE
: 8-bit Timer Interrupt Enable flag
1 = Enable Timer interrupt
0 = Disable Timer interrupt
Bit 3
I2CIE
: I2C Interface Interrupt Enable flag
1 = Enable I2C interface interrupt
0 = Disable I2C interface interrupt
Bit 2
ADIE
: Analog to Digital converter Interrupt Enable flag
1 = Enable analog to digital converter interrupt
0 = Disable analog to digital converter interrupt
Bit 1
E1IE
: PT2.1 External Interrupt Enable flag
1 = Enable PT2.1 external interrupt
0 = Disable PT2.1 external interrupt
Bit 0
E0IE
: PT2.0 External Interrupt Enable flag
1 = Enable PT2.0 external interrupt
0 = Disable PT2.0 external interrupt
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com