Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 83 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 83 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 79Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 80Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 81Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 82Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 83Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 84Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 85Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 86Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 87Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
FS98O21
Rev. 1.7
83/136
9.
I2C Module (slave mode only)
FS98O21 embeds a slave mode I2C module. The two pins, SCL and SDA, are used to perform the I2C system.
The pin SCL is assigned to be the clock pin, and the pin SDA is assigned to be the data pin in the I2C module.
In an I2C system, there are master side and slave side. Master side would send the clock, slave ID and the
commands to slave side. One master could connect to several slave sides with different IDs. First of all, the
slave side would check if the ID sent by master side is the same as itself. If the ID matched, slave side would
check the following bit from master. If the bit was high, it means that master side want to transfer some data or
command to slave, so slave side should sent back an acknowledgement signal and then receive the data from
master side. On the other hand, if the bit was low, it means that master side want to receive the data from slave
side, so slave side should sent back an acknowledgement signal and then transmit the data back.( Please see
Figure 9-1)
Figure 9-1 FS98O21 I2C module communication
In the I2C module embedded in FS98O21, there are 5 register flags shown in following figure. The SCL and
SDA signal is connected to I2CSR and the Start and stop bit detector. The I2CSR is assigned to be the data
buffer. When some signal is sent from master, the Start and stop bit detector will respond to the situation, and
the Match detector will determine if the input data is matched with the slave ID. If it matches the ID, the user
should send back the acknowledgement (data high) to respond to the master side. No matter whether the I2C
module sends the data or receives the data, the I2CBUF is assigned to be the buffer. When the module
receives the data, the data signals will be stored in the I2CSR, and send the whole data to I2CBUF after the
data is sent completely.
slave ID
R
data
ack
ack
slave ID
R
ack
Data1
ack
….
Master
receive
data
Master
transmit
data
….
Master to slave
Slave to master
start
stop
start
stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com