Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 53 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 53 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 51Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 52Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 53Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 54Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 55Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 56Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 57Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 136 page
background image
FS98O21
Rev. 1.7
53/136
6..2
Using Timer with External/Internal Clock
The user could see the Table 6-4, 6-5, 6-6 and 6-7 to setup related registers to decide the clock source.
Table 6-4 external timer setup register table
Address
Name
Detail on
Chapter
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on Power
on Reset
14h
MCK
5
M7_CK M6_CK M5_CK
M3_CK M2_CK M1_CK M0_CK
00000000
Table 6-5 CLK selection table
M1_CK
CLK
0
MCK
1
MCK/4
Table 6-6 MCK selection table
M3_CK
M0_CK
MCK
X
0
ICK
0
1
ECK
1
1
ECK/2
Table 6-7 TMCLK selection table
M5_CK
TMCLK (Timer and LCD Module input Clock)
0
CLK/1000
1
ECK/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com