Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments TPS66021 Datasheet HTML 18Page - Texas Instruments TPS66021 Datasheet HTML 19Page - Texas Instruments TPS66021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
EN
LDO
S1
VREF
VBUS
VIN
VLDO
UVLO
UVLO
VIN_GOOD
VBUS_GOOD
Switch Over
Logic
S1
16
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Power Management and Supervisory (continued)
Figure 5. Power Management and Supervisory
The VLDO terminal may be powered from either VIN or VBUS. The normal power supply input is VIN. When VIN
is present, S1 is closed and current flows from VIN to VLDO and the VBUS LDO is disabled. When VIN power is
unavailable, as in a dead battery condition, the VBUS LDO will be automatically enabled when VBUS is present,
and the VLDO terminal is powered by the VBUS LDO. The Switch Over Logic provides the decision making
capability to choose VIN or VBUS power, depending on the state of these voltages (based on their respective
UVLO comparators) and their relative levels to each other.
8.6.1.1 Supply Connections
Figure 6 shows the TPS66020 VIN being supplied from a 3.3-V supply. The VLDO output may or may not be
used to supply other circuitry in the application, for example a PD Controller. During a dead battery condition, the
internal 3.3-V VBUS LDO provides power to the TPS66020 and the VLDO output. Once VIN input supply
becomes available, the VBUS LDO is disabled and VIN provides power to the VLDO output.
The TPS66021 is well suited for 5 V only systems. VIN of the TPS66021 may be powered from an independent
supply, but in most applications it will be connected to the PP5V supply. Figure 7 shows where the VIN supply is
shared with PP5V. The VLDO output may be used optionally to supply power to external circuitry. During a dead
battery condition, the internal 5-V VBUS LDO provides power to the TPS66021 and the VLDO output. Once the
VIN input supply, in this case PP5V, becomes available, the VBUS LDO is disabled and PP5V provides power to
the VLDO output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com