Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments TPS66021 Datasheet HTML 32Page - Texas Instruments TPS66021 Datasheet HTML 33Page - Texas Instruments TPS66021 Datasheet HTML 34Page - Texas Instruments TPS66021 Datasheet HTML 35Page - Texas Instruments TPS66021 Datasheet HTML 36Page - Texas Instruments TPS66021 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The device has a single input supply, VIN. VIN may be shared with PP5V when using the TPS66021 device.
When shared with PP5V, the capacitance required on PP5V is sufficient for the VIN supply. When VIN is not
shared, a 1-uF or higher ceramic bypass capacitor between VIN and GND is recommended as close to the VIN
as possible for local noise decoupling.
USB Specification Revisions 2.0 and 3.1 require VBUS voltage at the connector to be between 4.75 V to 5.5 V.
Depending on layout and routing from supply to the connector the voltage droop on VBUS has to be tightly
controlled. Locate the input supply close to the device. For all applications, a maximum 10-μF ceramic bypass
capacitor between VBUS and GND is recommended as close to the Type-C connector of the device as possible
for local noise decoupling. The input power supply should be rated higher than the current limit set to avoid
voltage droops during overcurrent and short-circuit conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com