Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 20Page - Texas Instruments TPS66021 Datasheet HTML 21Page - Texas Instruments TPS66021 Datasheet HTML 22Page - Texas Instruments TPS66021 Datasheet HTML 23Page - Texas Instruments TPS66021 Datasheet HTML 24Page - Texas Instruments TPS66021 Datasheet HTML 25Page - Texas Instruments TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Disabled
Enabled
Disabled
EN1_EN0
PP5V to VBUS (SRC)
VBUS to PPHV (SNK)
Disabled
00b
01b
00b
t
OFF_PPHV
t
ON_PPHV
t
DG_EN
t
DG_EN
Enabled
3 A ILIMIT
Disabled
Enabled
Disabled
EN1_EN0
PP5V to VBUS (SRC)
VBUS to PPHV (SNK)
Disabled
00b
01b
00b
11b
10b
Disabled
00b
t
OFF_PPHV
t
ON_PP5V
t
ON_PPHV
t
OFF_PP5V
Enabled
1.5 A ILIMIT
t
DG_EN
t
DG_EN
t
DG_EN
t
DG_EN
24
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 13. Changing the PP5V Source Path from 3-A to 1.5-A Current Limit
8.7.6 Enabling the PPHV Sink Path
The timing diagram of enabling the PPHV Sink path is shown in Figure 14. As stated earlier, transitions from the
either the Source path to the Sink path or vice-versa always requires a transition first to the DISABLED state,
EN1_EN0 = 00b.
Figure 14. Enabling the PPHV Sink Path
8.7.7 Fast Role Swap (FRS)
8.7.7.1 Overview
For a hub application, the hub may be supplied by an external power source that is supplying power to a Host
(via the Source path of the dual-role power (DRP) of the hub), as well as, a downstream Bus Powered Device
(BPD) (DFP Source to the BPD). A communication path is formed from Host to the Bus Powered Device. Prior to
FRS, power flows from the external power source to the Host and the Bus Powered Device. If the external power
is removed, FRS operation will attempt to change the power role of the Host to a Source and the hub DRP port
to a Sink allowing power to change direction from the Host to the BPD in an attempt to maintain the connection.
It should be noted that after FRS, the contract is 5 V. Refer to the PD3.0 specification for further details on the
Fast Role Swap function.
Two PD controllers are used in the FRS process. One PD controller resides on the Host side (USB PD Capable
Host); the other resides on the hub side (USB PD Capable Hub). Both PD controllers are DRP since they must
support power role swapping. Prior to FRS, the Hub DRP is a Source (known as the old Source) and may be
supplying power to the DRP Host, which is acting as a Sink (known as the old Sink). After FRS, the Host DRP is
a 5-V Source (known as the new Source, old Sink), and is supplying power to the Hub DRP configured as a Sink
(known as the new Sink, old Source).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com