Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 2Page - Texas Instruments TPS66021 Datasheet HTML 3Page - Texas Instruments TPS66021 Datasheet HTML 4Page - Texas Instruments TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 PP5V Power Switch Characteristics
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance, 4.9V
≤ VPP5V ≤ 5.5V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPP5V
Resistance from PP5V to VBUS
ILOAD = 1 A, PP5V = 5.0V, TJ =
25
℃, SRC 1P5A or SRC 3P0A
state.
30
35
mΩ
ILOAD = 1 A, PP5V = 5.0V, -10 ℃ ≤
TJ ≤ 125 ℃, SRC 1P5A or SRC
3P0A state.
30
50
mΩ
ISC_IREF
Short circuit current from VBUS
with IREF terminal shorted.
VIREF = 0V, SRC 1P5A or SRC
3P0A state.
8
A
VIREF
Output voltage
SRC 1.5A state
0.56
V
SRC 3.0A state
1.13
V
ILIM_PP5V_1P5
Current limit for 1.5A setting
SRC 1.5A state
1.60
1.74
1.87
A
ILIM_PP5V_3P0
Current limit for 3.0A setting
SRC 3.0A state
3.2
3.45
3.7
A
ILIMPP5VF
Difference between current limit
and current limit fault flag assertion,
ILIM5VF ≤ ILIM5V.
SRC 1P5A or SRC 3P0A state.
PP5V = 5V. Sweep load current
and monitor FLT transition from 1
to 0 (50% point). CFLT = 20pF, RPU
= 10 kΩ to VLDO.
12
22
mA
tILIMIT_FLT
Time from PP5V current limit
detected until FLT asserted low.
SRC 1P5A or SRC 3P0A state.
PP5V = 5V. Sweep load current
and monitor FLT transition from 1
to 0 (50% point). CFLT = 20pF, RPU
= 10 kΩ to VLDO.
4
10
16
ms
VPP5V_RCP
Maximum voltage due to reverse
current. Source path disables due
to RCP comparator.
SRC 1P5A or SRC 3P0A state.
VPP5V = 5.5V, ramp VVBUS from
5.5V to 21V at 75 V/ms, CPP5V =
47µF, measure VPP5V
5.8
V
VPP5V_RCP_OVP
Maximum voltage due to reverse
current. Source path disables due
to OVP protection on PP5V.
SRC 1P5A or SRC 3P0A state.
VPP5V = 5.5V, ramp VVBUS from
5.5V to 21V at 5 V/ms, CPP5V =
4.7µF, measure VPP5V
6.25
V
VRCP_THRES_PP5V
Reverse current blocking voltage
threshold for PP5V switch
25
35
45
mV
tOS_PP5V
Response time to VBUS short
circuit
VBUS to GND through 10mΩ
1.0
µs
tON_PP5V
PP5V enable time.
RL = 100Ω, VPP5V = 5V, CL=0,
Transition from DISABLED state to
SRC 1.5A state, VVBUS reaches
90% of final value.
2.6
4.5
5.3
ms
tOFF_PP5V
PP5V disable time.
RL = 100Ω, VPP5V = 5V, CL=0,
Transition from SRC 1.5A or SRC
3.0A state to DISABLED state,
VVBUS at 10% of final value.
0.5
0.7
1.2
ms
tRISE_PP5V
VBUS from 10% to 90% of final
value
RL = 100Ω, VPP5V = 5V, CL=0,
Transition from DISABLED state to
SRC 1.5A state
0.9
1.2
1.7
ms
tFALL_PP5V
VBUS from 90% to 10% of initial
value
RL = 100Ω, VPP5V = 5V, CL=0,
Transition from SRC 1.5A or SRC
3.0A state to DISABLED state
0.1
0.16
0.25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com