Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 22Page - Texas Instruments TPS66021 Datasheet HTML 23Page - Texas Instruments TPS66021 Datasheet HTML 24Page - Texas Instruments TPS66021 Datasheet HTML 25Page - Texas Instruments TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
EN0
VBUS
vSafe5V (max)
vSafe5V (min)
vSupply_Loss_Detect
tSrcFRSwap
EN1
PPHV Path
(old Sink)
Enabled
Disabled
Disabled
Enabled
FRS ILIMIT
Enabled
3.0A ILIMIT
PP5V Path
(new Source)
Enabled
1.5A/3.0A ILIMIT
EN0
EN1
PPHV SNK Path
Enabled
Disabled
Disabled
Enabled
FRS ILIMIT
Enabled
3.0A ILIMIT
PP5V SRC Path
Enabled
1.5A/3.0A ILIMIT
VBUS_VSAFE5V_DET
tPP5V_EN_FRS_MODE
26
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
4. Upon EN1 = 1 assertion, the TPS6602x PPHV path is disabled automatically by the fast role swap hardware.
5. There are two cases to consider. In Case 1, as shown in Figure 17, VBUS begins to decay, while being
continuously monitored by the vSafe5V comparator circuitry that indicates when VBUS has fallen below
vSafe5V. Once this occurs, the comparator output is asserted indicating to the fast role swap hardware that it
is safe to turn on the PP5V path, and the PP5V path is enabled automatically. In Case 2, as shown in
Figure 18, VBUS may have fallen below vSafe5V, or even fully discharged to ground, so the comparator
output may already be asserted low. If so, the PP5V path shall be immediately enabled. It should be noted in
this scenario, since the VBUS capacitance has been fully discharged, a significant in-rush current will occur
when the PP5V path is enabled. Application should ensure sufficient decoupling capacitance is applied on
the PP5V supply or that the supply is designed to react to fast transient responses to avoid brown-out of the
supply rail.
6. PP5V is initially enabled with a higher current limit to ensure fast turn-on. Once fast role swap is completed,
it reverts back to the 3-A setting. The application may then choose to stay at the 3-A setting or switch to the
1.5-A setting.
Figure 16. Fast Role Swap Timing
Figure 17. Fast Role Swap Events - Case 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com