Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 23Page - Texas Instruments TPS66021 Datasheet HTML 24Page - Texas Instruments TPS66021 Datasheet HTML 25Page - Texas Instruments TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
EN0
vSafe5V (max)
vSafe5V (min)
tSrcFRSwap
EN1
PPHV Path
(old Sink)
Enabled
Disabled
Disabled
Enabled
FRS ILIMIT
Enabled
3.0A ILIMIT
PP5V Path
(new Source)
Enabled
1.5A/3.0A ILIMIT
VBUS
27
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 18. Fast Role Swap Events - Case 2
8.8 Faults
The TPS6602x includes a fault pin, FLT. The FLT pin is an open-drain output and requires an external pull-up
resistor. If the FLT pin is not required, it may be tied to GND or left floating. The FLT pin will be asserted low only
under certain conditions and not all fault conditions will assert the FLT pin, see Table 3. If the FLT pin is
asserted, it will remain asserted for a minimum of tHOLD_FLT regardless if the fault condition is removed. After
tHOLD_FLT, if all fault conditions have surpassed, the FLT pin is released.
8.8.1 Fault Types
Table 3 summarizes the various fault types available along with when the FLT shall be asserted.
Table 3. Fault Types
Fault Name
Fault
FLT
Description
PP5V_UVLO
PP5V undervoltage Lockout
Low
If PP5V input supply is below the PP5V UVLO threshold, the
PP5V path is disabled automatically if enabled or remains
disabled until the PP5V UVLO threshold is exceeded. If a SRC
state is selected to be entered, the device will remain in the
DISABLED state until the UVLO event is removed. The FLT pin
will not be asserted. If a SRC state has been entered
successfully and a UVLO event occurs, the device will enter the
DISABLED state, and the FLT pin will be asserted.
PP5V_OVP
PP5V overvoltage Protection
Low
If a SRC state is selected to be entered or device currently is in
a SRC state (SRC 1.5 A or SRC 3 A) and the PP5V input
supply rises above the PP5V OVP threshold, the PP5V path is
disabled automatically and the FLT pin will be asserted.
PP5V_ILIMIT
PP5V Current Limit Protection
Low
The PP5V power path has a closed-loop current limit protection.
If the load current exceeds the selected current limit, the control
loop will increase the voltage across the FET to compensate.
Note: FLT will not be asserted unless the current limit event
lasts longer than tILIMIT_FLT.
PP5V_OVT
PP5V overtemperature
Protection
Low
If a SRC state is selected to be entered or device currently is in
a SRC state (SRC 1.5 A or SRC 3 A) and the local temperature
of PP5V power path exceeds TSD_PP5V_R while in current
limit, the PP5V path is disabled automatically and the FLT pin
will remain asserted. PP5V power path will remain disabled until
temperature falls below TSD_PP5V_F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com