Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments TPS66021 Datasheet HTML 18Page - Texas Instruments TPS66021 Datasheet HTML 19Page - Texas Instruments TPS66021 Datasheet HTML 20Page - Texas Instruments TPS66021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
PPHV
EN0
VBUS
GND
VLDO
FLT
TPS66021
OVP
VIN
PP5V
EN1
5V Supply
Optional
PPHV
EN0
VBUS
GND
VLDO
FLT
TPS66020
OVP
VIN
PP5V
EN1
5V Supply
3.3V Supply
Optional
17
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Power Management and Supervisory (continued)
Figure 6. TPS66020 VIN 3.3-V Supply
Figure 7. TPS66021 VIN 5-V Shared Supply
8.6.1.2 Power Up Sequences
8.6.1.2.1
Normal Power Up
Figure 8 shows a typical power up sequence. During normal power up, VIN supplies power to the TPS6602x. In
this case, VBUS remains powered down. It is assumed a PD Controller is controlling the TPS6602x, and Sink
operation is being requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com