Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 5 Page - Texas Instruments

  TPS66021 Datasheet HTML 1Page - Texas Instruments TPS66021 Datasheet HTML 2Page - Texas Instruments TPS66021 Datasheet HTML 3Page - Texas Instruments TPS66021 Datasheet HTML 4Page - Texas Instruments TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
All voltage values are with respect to network GND. GND pin must be connected directly to the ground plane of the board.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VVIN
Input voltage range (1)
VIN, TPS66020 only.
2.85
3.6
V
VIN, TPS66021 only.
4.5
5.5
V
VPP5V
Input voltage range (1)
PP5V
4.9
5.5
V
VPPHV
Output voltage range (1)
PPHV
0
22
V
VVBUS
Output voltage range (1)
VBUS when sourcing
0
5.5
V
VVBUS
Input voltage range (1)
VBUS when sinking
4
22
V
VEN
Input voltage range (1)
EN0, EN1
0
5.5
V
VFLT
Output voltage range (1)
FLT
0
5.5
V
IO_PP5V
Continuous current from PP5V to
VBUS
TJ = 105℃
3
A
IO_PPHV
Continuous current from VBUS to
PPHV
TJ = 105℃
4
A
TJ = 100℃
5
A
IO_VLDO
Output current from VBUS LDO
30
mA
RIREF
External resistor current limit
reference
75k
Ω ±1% overall tolerance
74.25
75.75
k
Ω
TJ
Operating junction temperature
–10
125
°C
RR_PP5V
Maximum ramp rate on PP5V input supply
–2
2
V/µs
RR_PPHV
Maximum ramp rate on PPHV input supply
–2
2
V/µs
RR_VBUS
Maximum ramp rate on VBUS input supply
–2
2
V/µs
RR_VIN
Maximum ramp rate on VIN input supply
30
mV/µs
(1)
Capacitance values do not include any derating factors. For example, if 5.0 µF is required and the external capacitor value reduces by
50% at the required operating voltage, then the required external capacitor value would be 10 µF.
(2)
This capacitance represents the system side load capacitance that may be seen by the device e.g. from a typical battery charging
system. Discrete capacitance is not required for proper operation.
6.4 Recommended Supply Load Capacitance
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
MIN
TYP
MAX
UNIT
CVIN
Capacitance on VIN
1
µF
CVLDO
Capacitance on VLDO
2.5
4.7
10
µF
CVBUS
Capacitance on VBUS
1
10
µF
CPP5V
Capacitance on PP5V
2.5
4.7
µF
CPPHV
Capacitance present on PPHV(2)
1
47
100
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Models based on typical application layout.
6.5 Thermal Information
THERMAL METRIC(1)
TPS6602x
UNIT
YBG (WCSP)
28 PINS
RθJA,EFF
Effective Junction-to-ambient thermal resistance(2)
44.3
°C/W
RθJA
Junction-to-ambient thermal resistance
62.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
13.8
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
13.7
°C/W
ψJB,EFF
Effective Junction-to-board characterization parameter (2)
14.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com