Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.11 Input-output (I/O) Characteristics
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85 V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN_Vt+
Positive going input-threshold
voltage, % of VLDO
VLDO = 2.85 - 5.5V
40
70
%
EN_Vt-
Negative going input-threshold
voltage, % of VLDO
VLDO = 2.85 - 5.5V
30
60
%
EN_HYS
Input hysteresis voltage, % of
VLDO
VLDO = 2.85 - 5.5V
10
%
EN_RPD
Pull-down resistance EN pin.
Measured with pin voltage VEN
= 3.3V
500
650
800
kΩ
FLT_VOL
Output Low Voltage, FLT pin
IOL = 2mA, FLT driven low.
0.4
V
FLT_ILKG
Leakage Current, FLT pin
FLT not driven low.
–1
1
µA
tH_FLT
Time FLT pin remains asserted
low.
4
10
16
ms
tDG_EN
Enable deglitch filter. Pulses on
EN0 or EN1 < tDG_EN(MIN) are
not propagated to the control
logic. Pulses on EN0 or EN1 >
tDG_EN(MAX) are propagated to
the control logic. Pulses on EN0
or EN1
≥ tDG_EN(MIN) and ≤
tDG_EN(MAX) may or may not
propagate to the control logic.
The filter is not applied to EN1
transition to the FRS state.
78
242
µs
(1)
Measured with EN0 and/or EN1 set to GND or VLDO levels as required for the respective state.
6.12 Power Consumption Characteristics
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 85 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1% overall
tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVIN_DISABLE
Current consumed by
VIN(1)
VIN = 3.3V, VBUS = 0V, PP5V
= 0V, PPHV = 0V, DISABLED
state. Measure IVIN. TPS66020
only.
19
27
µA
VIN = 5V, VBUS = 0V, PP5V =
0V, PPHV = 0V, DISABLED
state. Measure IVIN. TPS66021
only.
25
36
µA
IVIN_SRC
Current consumed by
VIN(1)
VIN = 3.3V, PP5V = 5.5V,
PPHV = 0V, SRC 1.5A or SRC
3.0A state. Measure IVIN.
TPS66020 only.
102
µA
VIN = 5V, PP5V = 5.5V, PPHV
= 0V, SRC 1.5A or SRC 3.0A
state. Measure IVIN. TPS66021
only.
153
µA
IVIN_SNK
Current consumed by
VIN(1)
VIN = 3.3V, PP5V = 0V, SNK
state. Measure IVIN. TPS66020
only.
VBUS =
5.5V/22V
87
µA
VIN = 5V, PP5V = 0V, SNK
state. Measure IVIN. TPS66021
only.
VBUS =
5.5V/22V
134
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com