Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 3Page - Texas Instruments TPS66021 Datasheet HTML 4Page - Texas Instruments TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.7 PPHV Power Switch Characteristics
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPPHV
Resistance from PPHV to VBUS
ILOAD = 1 A, TJ = 25 ℃, SNK state.
22
26
mΩ
ILOAD = 1 A, -10 ℃ ≤ TJ ≤ 125 ℃,
SNK state.
22
45
mΩ
VPPHV_RCP
Maximum voltage due to reverse
current during RCP response.
SNK state, VVBUS = 5.5V, ramp
VPPHV from 5.5V to 21V at 100
V/ms, CVBUS = 10µF, measure
VVBUS
5.8
V
VPPHV_OVP
Maximum voltage rise due to
reverse current during VBUS OVP
response.
SNK state, VVBUS = 5.5V, set VOVP
= 6V, ramp VVBUS from 5.5V to 21V
at 100 V/ms, CPPHV = 4.7µF,
measure VPPHV
6.2
V
VRCP_THRES_PPHV
Reverse current blocking voltage
threshold for PPHV switch
2
6
10
mV
SS
Soft-start slew rate
Transition from DISABLED state to
SNK state, VVBUS = 5V, CPPHV =
100µF. Measure slew rate on
PPHV.
0.2
0.6
V/ms
tON_PPHV
PPHV enable time including Soft-
start.
RPPHV = 100Ω, VVBUS = 5V, CPPHV
= 100 µF. Transition from
DISABLED state to SNK state,
VPPHV at 90% of final value.
9
15
29
ms
tOFF_PPHV
PPHV disable time.
RPPHV = 100Ω, VVBUS = 5V, CPPHV
= 4.7 µF. Transition from SNK state
to DISABLED state, VPPHV falls to
4.5V.
0.9
2.2
4.3
ms
6.8 Power Path Supervisory
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UV_VIN_R
Undervoltage threshold for VIN. VBUS
LDO disables when threshold reached.
VIN rising, TPS66020 only.
2.45
2.75
V
VIN rising, TPS66021 only.
3.89
4.40
V
UV_VIN_F
Undervoltage threshold for VIN. Device
resets.
VIN falling, TPS66020 only.
2.35
2.65
V
VIN falling, TPS66021 only.
3.79
4.30
V
UVH_VIN
Undervoltage hysteresis for VIN.
100
mV
UV_VBUS_R
Undervoltage threshold for VBUS. PPHV
switch disabled unitl threshold reached.
VBUS rising
3.35
3.75
V
UV_VBUS_F
Undervoltage threshold for VBUS. PPHV
switch disables when threshold reached.
VBUS falling
3.15
3.55
V
UVH_VBUS
Undervoltage hysteresis for VBUS
200
mV
OVP_REF
OVP reference voltage.
0.93
1
1.07
V
UV_PP5V_R
Undervoltage threshold for PP5V. PP5V
switch disabled unitl threshold reached.
PP5V rising
3.9
4.5
V
UV_PP5V_F
Undervoltage threshold for PP5V. PP5V
swtch disables when threshold reached.
PP5V falling
3.8
4.4
V
UVH_PP5V
Undervoltage hysteresis for PP5V
100
mV
OV_PP5V_R
Overvoltage threshold for PP5V. PP5V
switch disabled if threshold reached.
PP5V rising
5.60
5.9
6.2
V
OV_PP5V_F
Overvoltage threshold for PP5V. PP5V
switch enabled if threshold reached.
PP5V falling
5.50
5.8
6.1
V
OVH_PP5V
Overvoltage hysteresis for PP5V
100
mV
VFWD_DROP_VIN
Forward voltage drop across
VIN to VLDO switch
IVLDO = 35 mA
90
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com