Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 25Page - Texas Instruments TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments TPS66021 Datasheet HTML 32Page - Texas Instruments TPS66021 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
PPHV
PP5V
IREF
EN1
EN0
VBUS
GND
VLDO
FLT
TPS66021
GPIO1
GPIO2
VCON_IN
PD
Controller
GPIO3
4S2P
VSYS
5V Buck
Battery
Charger
OVP
VIN
VMON
CC1
CC2
Opt.
EN
from EC
VIN
VBAT
2
2
2
2
2
SBU1/2
RX1
TX1
RX2
TX2
D+/-
2
D+/-
2
CC2
CC1
GND
VBUS
Type-C
Receptacle
5V_IN
TVS2200
IN
GND
Opt.
Opt.
29
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The typical applications of the TPS6602x include chargers, notebooks, tablets, ultra-books, dongles and any
other product supporting USB Type-C and/or USB-PD as a power source or power sink. The typical applications
outlined in the following sections detail a Fully-Featured USB Type-C using a single 5-V supply and another
using a separate 3.3-V supply.
9.2 Typical Application
Figure 19 shows a USB Type-C single port design using a Power Delivery (PD) controller that supports 5-V
operation. For this system, a single 5-V supply is used to supply power to the PP5V and VIN supplies of the
TPS66021, as well as, the connector power, VCONN. The TPS66021 supplies power to the 5-V supply of the PD
controller via its VLDO output which is sourced either from the integrated 5-V VBUS LDO for dead battery
operation or from VIN once the dead battery condition ends.
Similarly, Figure 20 shows a USB Type-C single port design using a PD controller that only supports 3.3-V
operation. In this case, a separate 3.3-V supply in the system is used to supply power to the TPS66020. The
TPS66020 supplies power to the 3.3-V supply of the PD controller via its VLDO output which is sourced either
from the integrated 3.3-V VBUS LDO for dead battery operation or from VIN once the dead battery condition
ends.
The PP5V integrated power path is used to provide 5-V VBUS power when the device is enabled as Source. The
PPHV integrated power path provides power to the system and battery charger from VBUS when the device is
enabled as a Sink.
Figure 19. Single Port Type-C PD Port Using a Single 5-V Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com