Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments TPS66021 Datasheet HTML 32Page - Texas Instruments TPS66021 Datasheet HTML 33Page - Texas Instruments TPS66021 Datasheet HTML 34Page - Texas Instruments TPS66021 Datasheet HTML 35Page - Texas Instruments TPS66021 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.3 Dead Battery Support
The TPS6602x integrates a high-voltage VBUS LDO that can be used to supply power to a PD Controller and
other supporting circuitry when only VBUS power is available, such as in a dead battery condition. As shown in
Figure 20, the TPS66020 VLDO output supplies power to the PD Controller's 3V_IN supply. Similarly, Figure 19
shows the TPS66021 VLDO output supplies power to the PD Controller's 5V_IN supply. During a dead battery
condition, the PD Controller presents its Type-C RPD pull-downs on the CC1 and CC2 lines. Upon connection to
a Type-C/PD Source, 5 V is provided to VBUS from the Source partner which powers the TPS6602x. The VBUS
LDO is enabled and provides power to the PD Controller. Once powered, the PD Controller can decide to enable
the TPS6602x PPHV Sink path by asserting EN0 high and use the 5-V VBUS to charge the battery or it may
choose to negotiate a higher voltage contract first. Either way, once the contract is negotiated, the PD Controller
will enable the PPHV Sink path and charge the system. Once the system is sufficiently charged, the VIN terminal
will rise and will exceed the VIN UVLO threshold. If VIN remains above the UVLO threshold for tVIN_STABLE ,
VLDO will be supplied from VIN and the VBUS LDO will be disabled.
9.2.4 Fast Role Swap (FRS) (Optional)
The TPS6602x supports Fast Role Swap operation as in the new Source, old Sink scenario shown in Figure 15.
The PPHV power path represents the old Sink and the PP5V power path represents the new Source. During
FRS, the PP5V power path of the TPS6602x has a much faster turn-on compared to normal operation, for
example entering SRC 1P5A or SRC 3P0A states from the DISABLED state. This faster turn-on is required in
order to meet the USB PD fast role swap timing requirements (tSrcFRSwap) for the new Source.
To enable FRS, the TPS6602x must first be operating as a Sink (SNK state). The TPS6602x must then transition
to the FRS state by asserting EN1 high. EN1 is asserted high by the PD Controller as soon as possible once it
has properly detected FRS signaling from its port partner on its CC line. The FRS signaling from the port partner
to the PD Controller indicates that the port partner has lost its power and requires a fast role swap sequence to
be performed.
It should be noted that the timing of when EN1 is asserted high relative to the port partner losing power is highly
application, and implementation dependent. Some of these dependencies include:
•
Loss of power detection accuracy, margin and propagation delay of the port partner.
•
Timing from loss of power detection to FRS signaling transmitted on the CC line.
•
Detection by the PD Controller of the FRS signaling received on its CC line.
•
Assertion of a GPIO from the PD Controller after detection of the FRS signaling.
In systems that require good FRS performance, these should be optimized to minimize unnecessary delays from
significantly impacting the turn-on of the new Source. Once the FRS state is entered, the TPS6602x will
automatically handle the power role swap from Sink to Source as shown in Figure 16. In most applications, there
is significant charge being stored in reserve while power is being provided. Upon loss of power, this charge is
then used to supply power to the application until the FRS completes. As this charge depletes, the voltage on
VBUS will decay at some rate based on the current load and the amount of charge that has been stored. USB
PD requires that the new Source only be enabled once VBUS is detected below vSafe5V (maximum). Therefore,
the amount of voltage that VBUS drops below vSafe5V will depend heavily on the amount of remaining charge
and what current load is on VBUS, along with how fast the PP5V power path can enable. It should be noted that
the PD Specification allows VBUS to be discharged completely to ground and is shown in typical response curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com