Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments TPS66021 Datasheet HTML 18Page - Texas Instruments TPS66021 Datasheet HTML 19Page - Texas Instruments TPS66021 Datasheet HTML 20Page - Texas Instruments TPS66021 Datasheet HTML 21Page - Texas Instruments TPS66021 Datasheet HTML 22Page - Texas Instruments TPS66021 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DISABLED
SRC
3.0A
SRC
1.5A
SNK
FRS
EN1_EN0 = 01b
EN1_EN0 = 00b
EN1 = 1b
EN1_EN0 = 00b, 01b
EN1_EN0 = 10b
EN1_EN0 = 11b
EN1_EN0 = 10b
EN1_EN0 = 00b, 01b
EN1_EN0 = 00b, 11b
EN1_EN0 = 10b
EN1_EN0 = 01b
EN1_EN0 = 11b
EN1 = 0b or EN0 = 0b
EN1_EN0 = 11b
SRC
FAULT
EN1_EN0 = 00b, 01b
EN1_EN0 = 10b
& no faults
EN1_EN0 = 11b
& no faults
fault
fault
SNK
FAULT
EN1_EN0 = 01b
& no faults
fault
Power-on Reset
fault
VBUS < VSAFE5V
EN1_EN0 = 00b, 10b, 11b
19
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.7 Device Functional Modes
8.7.1 Device Functional Modes and State Transitions
8.7.1.1 State Transitions
EN0 and EN1 are used by the application to control the state of the device. Figure 10 shows the supported state
transitions.
Figure 10. TPS6602x Functional State Diagram
8.7.1.1.1
DISABLED State
In the DISABLED state, EN1 = 0, EN0 = 0. While in the DISABLED state:
•
PP5V power path is disabled
•
PP5V current limit, overvoltage, overtemperature, and reverse current protections are disabled
•
PPHV power path is disabled
•
PPHV overtemperature, reverse-current, and VBUS overvoltage protections are disabled
•
VIN and VBUS undervoltage lockout are enabled
The following transitions are possible from the DISABLED state:
•
SRC 1.5-A state if (EN1 = 1) and (EN0 = 0) and (PP5V UVLO event not detected) and (PPHV path is
completely off)
•
SRC 3.0-A state if (EN1 = 1) and (EN0 = 1) and (PP5V UVLO event not detected) and (PPHV path is
completely off)
•
SNK state if (EN1 = 0) and (EN0 = 1) and (VBUS UVLO event not detected) and (PP5V is completely off)
8.7.1.1.2
SRC 1.5-A State
In the SRC 1.5-A state, EN1 = 1, EN0 = 0. While in the SRC 1.5-A state:
•
PP5V power path is enabled with current limit set to ILIM_PP5V_1P5
•
PP5V overvoltage, overtemperature and reverse current protections are enabled
•
PPHV power path is disabled
•
PPHV overtemperature, reverse-current and VBUS overvoltage protections are disabled
•
VIN and PP5V undervoltage lockout are enabled
The following transitions are possible from the SRC 1.5-A state:
•
SRC 3-A state if (EN1 = 1) and (EN0 = 1)
•
DISABLED state if:
–
(EN1 = 0) and (EN0 = 0) -or-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com