| Electronic Components Datasheet Search |
|
TPS66021 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS66021 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 38 page ![]() 20 TPS66020, TPS66021 SLVSEW8 – AUGUST 2019 www.ti.com Product Folder Links: TPS66020 TPS66021 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated Device Functional Modes (continued) – (EN1 = 0) and (EN0 = 1) • SRC FAULT state if: – PP5V UVLO, PP5V OVP, or PP5V RCP event detected -or- – PP5V current limit and PP5V TSD events detected 8.7.1.1.3 SRC 3-A State In the SRC 3-A state, EN1 = 1, EN0 = 1. While in the SRC 3-A state: • PP5V power path is enabled with current limit set to ILIM_PP5V_3P0 • PP5V overvoltage, overtemperature and reverse current protections are enabled • PPHV power path is disabled • PPHV overtemperature, reverse-current, and VBUS overvoltage protections are disabled. • VIN and PP5V undervoltage lockout are enabled. The following transitions are possible from the SRC 3-A state: • SRC 1.5-A state if (EN1 = 1) and (EN0 = 0) • DISABLED state if: – (EN1 = 0) and (EN0 = 0) -or- – (EN1 = 0) and (EN0 = 1) • SRC FAULT state if: – PP5V UVLO, PP5V OVP, or PP5V RCP event detected -or- – PP5V current limit and PP5V TSD events detected 8.7.1.1.4 SNK State In the SNK state, EN1 = 0, EN0 = 1. While in the SNK state: • PP5V power path is disabled • PP5V overvoltage, overtemperature and reverse current protections are disabled • PPHV power path is enabled • PPHV overtemperature, VBUS overvoltage (if OVP terminal not grounded) and reverse-current protections are enabled • VIN and VBUS undervoltage lockout are enabled The following transitions are possible from the SNK state: • FRS (Fast Role Swap) state • DISABLED state if: – (EN1 = 0) and (EN0 = 0) • SNK FAULT state if: – VBUS OVP (if OVP terminal not grounded) event detected -or- – PPHV TSD event detected 8.7.1.1.5 FRS (Fast Role Swap) State In the FRS state, EN1 = 1, EN0 = 1. The FRS state is a transitional state, that transitions automatically from the SNK state to the SRC 3-A state upon successful completion of the fast role swap sequence: • PPHV power path is automatically disabled • PPHV overtemperature, VBUS overvoltage (if OVP terminal not grounded) protections are disabled • VIN and PP5V undervoltage lockout are enabled • PP5V power path is automatically enabled along with its overvoltage, overtemperature and RCP protection circuits upon successfully completing the fast role swap sequence. The following transitions are possible from the FRS state: • SRC 3-A state. This transition is automatic upon successful completion of the fast role swap sequence. • DISABLED state if: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |