Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 4Page - Texas Instruments TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Power Path Supervisory (continued)
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tVIN_STABLE
When VIN is above UV_VIN_R for this
duration, VIN is considered valid. If
device is being powered by VBUS LDO,
it will then switch to VIN supply and
VBUS LDO will be disabled.
5
15
ms
6.9 VBUS LDO Characteristics
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 125 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1%
overall tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V_VBUS_LDO_3V
Output voltage of VBUS LDO
For TPS66020: VIN = 0V, VBUS
≥ 3.8V, 0 ≤ I_VBUS_LDO ≤ 30mA
3.07
3.3
3.53
V
V_VBUS_LDO_5V
Output voltage of VBUS LDO
For TPS66021: VIN = 0V, VBUS
≥ 5.5V, 0 ≤ I_VBUS_LDO ≤ 30mA
4.65
5.0
5.35
V
VDO_VBUS_LDO_3V
Drop out voltage of VDD LDO
For TPS66020: VIN = 0V, VBUS
= 3.135 V, I_VBUS_LDO = 30 mA
0.5
V
VDO_VBUS_LDO_5V
Drop out voltage of VDD LDO
For TPS66021: VIN= 0V, VBUS =
4.75V, I_VBUS_LDO = 30 mA
0.5
V
ILIMIT_VBUS_LDO
Current limit VBUS LDO.
VBUS = 5.5V, VIN= 0V, VLDO =
0V
50
100
mA
tEN_VBUS_LDO
Turn-on time of VBUS LDO.
For TPS66020: I_VBUS_LDO =
30mA, CVLDO = 4.7 µF, VIN =
0V. Ramp VVBUS from 0 to 5V at
≥50V/ms. Measure from VBUS =
4.5V to VLDO = 3V.
1.2
ms
For TPS66021: I_VBUS_LDO =
30mA, CVLDO = 4.7 µF, VIN =
0V. Ramp VVBUS from 0 to 7.5V at
≥50V/ms. Measure from VBUS =
7V to VLDO = 4.5V.
1.2
ms
6.10 Thermal Shutdown Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD_PP5V_R
Thermal Shutdown Temperature of
the PP5V power path.
Temperature rising
128
150
172
°C
TSD_PP5V_F
Thermal Shutdown Temperature of
the PP5V power path.
Temperature falling
115
140
165
°C
TSDH_PP5V
Thermal Shutdown hysteresis of
the PP5V power path.
10
°C
TSD_PPHV_R
Thermal Shutdown Temperature of
the PPHV power path.
Temperature rising
128
150
172
°C
TSD_PPHV_F
Thermal Shutdown Temperature of
the PPHV power path.
Temperature falling
115
140
165
°C
TSDH_PPHV
Thermal Shutdown hysteresis of
the PPHV power path.
10
°C
TSD_MAIN_R
Thermal Shutdown Temperature of
the entire device.
Temperature rising
140
160
178
°C
TSD_MAIN_F
Thermal Shutdown Temperature of
the entire device.
Temperature falling
120
140
160
°C
TSDH_MAIN
Thermal Shutdown hysteresis of
the entire device.
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com