Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments TPS66021 Datasheet HTML 18Page - Texas Instruments TPS66021 Datasheet HTML 19Page - Texas Instruments TPS66021 Datasheet HTML 20Page - Texas Instruments TPS66021 Datasheet HTML 21Page - Texas Instruments TPS66021 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
VBUS
VIN
VLDO
VLDO Supply
VBUS LDO
VIN switch
1
4
3
1. Device is in dead battery condition. PD
controller advertises as a Sink. Upon
connection to a Source, VBUS begins to rise.
2. VBUS LDO is selected by the power
management logic and VLDO begins to rise.
3. PD Controller negotiates a contract (may be
5V or higher) and asserts EN0 to turn on the
PPHV Sink path in order to charge the system.
4. System begins to charge and VIN begins to
rise. VIN passes its UVLO threshold.
5. If VIN supply remains above its UVLO
threshold
, VBUS LDO is disabled
and VLDO is switched over to be supplied by
VIN via switch S1.
for t
VIN_STABLE
2
5
EN0
EN1
t
VIN_STABLE
VBUS
VIN
VLDO
VLDO Supply
VIN switch
5
1
4
1. Both the VBUS and VIN supplies are
powered down. VIN supply begins to rise.
2. VLDO terminal begins to rise.
3. VLDO supplied by VIN via switch S1. VBUS
LDO remains disabled.
4. PD Controller requests Sink path to be
enabled. Since VIN supply has not been above
its UVLO threshold f
5. VIN supply remained above its UVLO
threshold
and VBUS is above its
UVLO threshold. The Sink path enables.
VBUS LDO remains disabled since VIN supply
is available.
for t
VIN_STABLE
or t
, Sink path
remains disabled. In addtion, VBUS is not
above its UVLO switch threshold, which also
keeps the Sink path disabled.
VIN_STABLE
3
EN0
EN1
t
VIN_STABLE
2
18
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Power Management and Supervisory (continued)
Figure 8. Normal Power Up Sequence
8.6.1.2.2
Dead Battery Operation
Figure 9 shows the typical power up sequence during a dead battery condition. During a dead battery condition,
the TPS6602x is internally powered by the VBUS LDO. The VBUS LDO may be used to supply a limited amount
of current for use in the system during dead battery, such as supplying power to a PD controller. In this case, it is
assumed the VLDO terminal is providing power to a PD controller that is controlling the TPS6602x. Once VIN is
stable, the VLDO terminal switches from being supplied by the VBUS LDO to being supplied by the VIN terminal,
and the VBUS LDO is automatically disabled. The switch over process is completely seamless.
NOTE
Switching from VBUS LDO operation to VIN operation is seamless and no device reset
will occur. When switching from VIN power to VBUS LDO operation, the switch over
circuitry will attempt to switch over to the VBUS LDO, however it is not guaranteed that the
VLDO level will be maintained above the VLDO UVLO threshold. In this case, a device
reset may or may not occur.
Figure 9. Dead Battery Power Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com