Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments TPS66021 Datasheet HTML 32Page - Texas Instruments TPS66021 Datasheet HTML 33Page - Texas Instruments TPS66021 Datasheet HTML 34Page - Texas Instruments TPS66021 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.2.2 External VLDO Capacitor (CVLDO)
For all capacitances, the DC operating voltage must be factored into the derating of ceramic capacitors.
Generally, the effective capacitance is 35-50% of the nominal capacitance with voltage applied. Assuming VLDO
= 5 V, and a minimum derated capacitance of 2.5 uF, a 10-V rated 4.7-uF capacitor is sufficient.
9.2.2.3 PP5V Power Path Capacitance
For most systems, the PP5V terminal is supplied by a DC-DC converter. Typically, the capacitance placed on the
output of the DC-DC converter is significant in order to handle current load steps. This capacitance value will be
dependent on the DC-DC converter selected. A ceramic 10 uF (X7R/X5R) 10-V rated capacitor coupled with a
0.1-uF high frequency capacitor placed, is placed as close as possible to the PP5V terminal of the TPS6602x.
This is in addition to the DC-DC converter required capacitance should be sufficient, but may need to be
adjusted based on the specific application.
It should be noted that in many Type-C/PD systems, the VCONN supply is shared with the PP5V path.
Therefore, in these systems, the application must budget the power requirements of the DC-DC converter for the
VCONN and PP5V paths combined. For this example, a minimum of 5 V at 3.3 A is required to meet the defined
system specifications.
9.2.2.4 PPHV, VBUS Power Path Capacitance
The PPHV power path is a Sink. The capacitance on the PPHV shown in and Figure 20 represents capacitance
of the charger sub-system. In a typical application, this capacitance can be in the range of 47 uF up to 100 uF,
far exceeding the 1-uF minimum specification for the TPS6602x, so no external capacitance is required to meet
this requirement in most cases. As per the PD Specification, the total capacitance on VBUS should be maximum
10 uF at connection.
The TPS6602x PPHV power path has soft start circuitry to control in-rush current when the PPHV power path is
enabled. DC loading should be minimized during soft start since the PPHV path may experience high power
dissipation especially at higher VBUS voltages. This in turn may lead to a PPHV overtemperature protection
event.
9.2.2.5 VBUS TVS Protection (Optional)
It is recommended that each VBUS port in the system have TVS protection to protect the VBUS terminal.
Inductive ringing during momentary disconnects and reconnects due to mechanical vibration or plug removal
while sinking large current loads may cause large peak voltages to be present on the VBUS terminal that may
exceed the absolute maximums of the TPS6602x. Under such events, the TVS2200 clamps the VBUS terminal
and prevents VBUS from exceeding the maximum specification. The TVS trip point should be chosen to be
safely above the normal operating ranges of the device. For this case, it is assumed VBUS voltage contracts are
less than 22-V maximum which is below the minimum breakdown voltage of the TVS2200. The maximum
clamping voltage of 28.3 V of the TVS2200 is sufficient to protect the VBUS terminal of the TPS6602x.
9.2.2.6 VBUS Schottky Diode Protection (Optional)
To prevent the possibility of large ground currents into the TPS6602x during sudden disconnects because of
inductive effects in a cable, it is recommended that a Schottky diode be placed from VBUS to GND. The
NSR20F30NXT5G or comparable device is recommended.
9.2.2.7 VBUS Overvoltage Protection (Optional)
VBUS Overvoltage Protection (OVP) is optional. If VBUS OVP is not required, then the OVP terminal should be
tied to ground as shown in Figure 3. VBUS OVP is used to detect voltages on VBUS that exceed a set threshold.
Upon detection, the PPHV power path is disabled quickly to help protect components connected downstream of
the PPHV terminal. It should be noted that VBUS OVP is not a replacement for VBUS TVS protection which is
protecting the VBUS terminal itself.
The VBUS OVP threshold is set by a resistor divider from the VBUS terminal to ground as shown in Figure 2. For
this design, R1 and R2 are fixed values to provide VBUS OVP protection at the highest voltage contract level.
Using R1 = 432-kΩ and R2 =20-kΩ sets a nominal VBUS OVP threshold of 22.6 V. For some applications, it may
be desirable to dynamically change the VBUS OVP level based on the negotiated power contract. One possible
way is shown in Figure 4. In this case, the PD controller via GPIO, selects the proper divider ratio to set the
VBUS OVP threshold based on the negotiated voltage contract level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com