Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
PP5V
VBUS
PP5V Gate Control,
Current Limit, and RCP
VLDO
PPHV Gate Control
and RCP
PPHV
Control
EN0
TSD
Power
Mux
&
LDO
FLT
EN1
VBUS
UVLO
PP5V
OVP
PP5V
UVLO
IREF
VBUS
OVP
OVP
VIN
12
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS6602x is a fully featured power multiplexer with an integrated Source power path, a Sink power path,
and a high voltage VBUS LDO voltage regulator. The Source power path can supply 5-V nominal power and
supports two current limit settings (1.5 A or 3 A) controlled by general-purpose I/O. The Source power path
includes current limit protection, overtemperature protection, reverse-current protection, undervoltage protection,
and overvoltage protection. See the 5-V Source (PP5V Power Path) section. The Sink power path can support
up to 5 A at 20 V controlled by general-purpose I/O. The Sink power path includes soft-start to minimize in-rush
currents, overtemperature protection, reverse-current protection, undervoltage protection, and an optional
overvoltage protection configured in the application. See the 20-V Sink (PPHV Power Path) section. The
TPS6602x fully supports Fast Role Swap operation as specified in the Power Delivery specification. See the Fast
Role Swap (FRS) section.
The VBUS low dropout voltage regulator may be used in systems that require power during dead battery
conditions and is capable of provide up to 30 mA to the system via the VLDO pin. Once VIN power is available,
VLDO pin is power is switched from the VBUS LDO regulator to the VIN pin. The TPS66020 devices VBUS LDO
regulator nominally supplies 3.3 V where the TPS66021 device VBUS LDO nominally supplies 5 V. See the
Power Management and Supervisory section.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 5-V Source (PP5V Power Path)
The PP5V power path uses two back-to-back N-channel MOSFETs, and blocks current in both directions when
the power path is disabled. The PP5V power path is a Source only path and when enabled provides power from
the PP5V terminal to the VBUS terminal. The PP5V path provides up to 3-A current delivery to VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com