Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 1 Page - Texas Instruments

  TPS66021 Datasheet HTML 1Page - Texas Instruments TPS66021 Datasheet HTML 2Page - Texas Instruments TPS66021 Datasheet HTML 3Page - Texas Instruments TPS66021 Datasheet HTML 4Page - Texas Instruments TPS66021 Datasheet HTML 5Page - Texas Instruments TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PP5V
VBUS
PP5V Gate Control,
Current Limit, and RCP
VLDO
PPHV Gate Control
and RCP
PPHV
Control
EN0
TSD
Power
Mux
&
LDO
FLT
EN1
VBUS
UVLO
PP5V
OVP
PP5V
UVLO
IREF
VBUS
OVP
OVP
VIN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
1
1 Features
1
•
Integrated 30 mΩ (typical), 32-V tolerant NFET 5-
V source path, up to 3 A
•
Integrated 22 mΩ (typical), 32-V tolerant NFET 4-
V to 22-V sink path, up to 5 A
•
Selectable current limit for 5-V source path
•
Built-in soft-start to limit in-rush currents
•
Integrated high voltage VBUS LDO regulator (3.3-
V or 5.0-V per device type)
•
Optional VBUS overvoltage protection via pin
configuration.
•
System supply and VBUS undervoltage protection
•
5-V System supply overvoltage protection
•
Overtemperature protection
•
Reverse-current protection
•
Fault pin with de-glitched fault reporting
•
Support for fast role swap
•
IEC/UL Certificate No. TBA
–
Standards: IEC 62368-1 Ed. 2, UL 2367 Ed. 1
•
Small footprint WCSP packaging, no HDI
required.
2 Applications
•
Sink and source power path for USB Type-C,
USB power delivery 3.0
•
Personal computers, Portable laptops,
chromebooks, notebooks, peripheral devices
3 Description
The TPS6602x is a full-featured
power
switch
multiplexer that contains an integrated 5-V Source
power path and a 4-V to 22-V Sink power path. The
5-V Source path limits the output current to a safe
level by operating in a constant-current mode when
the output load exceeds the selected current-limit
threshold.
Each
power
path
supports
overtemperature
and
reverse
current
protection.
VBUS has overvoltage protection with its level being
set by an optional external resistor divider. If no
overvoltage protection is desired, it may be disabled
by grounding the OVP terminal. The TPS6602x series
supports a fault pin that indicates overcurrent and
overtemperature events.
TPS6602x series also supports a high voltage VBUS
LDO regulator (3.3-V or 5-V per device type) useful
for supplying power to the device and other system
components
when
operating
in
dead
battery
conditions. The TPS66020 regulates to 3.3-V and the
TPS66021 regulates to 5-V.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS66020
WCSP (28)
1.606 mm x 2.806 mm
TPS66021
WCSP (28)
1.606 mm x 2.806 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Function Table
EN1
EN0
Device State
0
0
Source and Sink paths disabled.
0
1
Sink path enabled.
1
0
Source path enabled, 1.5 A
1
1
Source path enabled, 3.0 A
TPS6602x Block Diagram


Similar Part No. - TPS66021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS66021 TI1-TPS66021 Datasheet
5Mb / 37P
TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
More results

Similar Description - TPS66021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
TPS66020 TI1-TPS66020 Datasheet
5Mb / 37P
TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
TPS66120 TI1-TPS66120 Datasheet
511Kb / 27P
TPS6612x Integrated Sink with VBUS LDO Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com