Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments TPS66021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
R1
1%
R2
1%
R1 + R2 = 500 k , max.
Ω
+
-
OVP_REF
OVP_detect
VBUS
OVP
PPHV Gate Control
and RCP
PPHV
V
= OVP_REF * (1 + R1/R2)
VBUS_OVP_THRESHOLD
14
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.4 Overtemperature Protection
The PP5V and PPHV power paths each have an integrated temperature sensor to protect these paths from
excessive heating. When the sensor in each respective path detects an overtemperature condition, the path will
be automatically disabled (if enabled) and cannot be enabled until the overtemperature condition has been
removed. FLT is asserted when an overtemperature event occurs.
In addition, the device has an integrated main temperature sensor. When the sensor detects an overtemperature
condition, the PP5V and PPHV power paths and the VBUS LDO of the device are completely disabled until the
overtemperature condition has been removed.
8.5 VBUS Overvoltage Protection (OVP)
TPS6602x supports overvoltage protection on the VBUS terminal. When the voltage detected on OVP exceeds a
set level, the PPHV power path will automatically be disabled (if enabled), and will remain disabled until the OVP
event is removed. FLT is asserted when an overvoltage event occurs. The VBUS OVP threshold may be set
using a resistor divider from VBUS to GND, whose divider output is connected to the OVP terminal as shown in
Figure 2. Table 1 shows resistor divider settings for common USB Power Delivery fixed voltage supply contracts
along with the resulting nominal OVP thresholds. These thresholds may be adjusted based on desired margins
for a given application. If VBUS OVP is not required or needs to be disabled, the OVP terminal may be tied or
driven to GND as shown in Figure 3. Lastly, as one example implementation, the OVP threshold may be
controlled dynamically using outputs from a PD controller or microcontroller as shown in Figure 4. By selecting
each output, different VBUS OVP threshold settings are possible.
Figure 2. VBUS OVP Threshold Set by External Resistor Divider
Table 1. Typical External Resistor Divider Settings
PD Fixed Contract
R1, kΩ
R2, kΩ
Nominal VBUS OVP Threshold, V
5 V
102
20
6.1
9 V
182
20
10.1
15 V
309
20
16.5
20 V
432
20
22.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com