Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 19Page - Texas Instruments TPS66021 Datasheet HTML 20Page - Texas Instruments TPS66021 Datasheet HTML 21Page - Texas Instruments TPS66021 Datasheet HTML 22Page - Texas Instruments TPS66021 Datasheet HTML 23Page - Texas Instruments TPS66021 Datasheet HTML 24Page - Texas Instruments TPS66021 Datasheet HTML 25Page - Texas Instruments TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Enabled
3.0 A ILIMIT
Disabled
Enabled
Disabled
EN1_EN0
PP5V to VBUS (SRC)
VBUS to PPHV (SNK)
Disabled
00b
01b
00b
11b
00b
Disabled
01b
Enabled
t
OFF_PPHV
t
ON_PP5V
t
ON_PPHV
t
OFF_PP5V
t
DG_EN
t
DG_EN
t
DG_EN
Enabled
1.5A ILIMIT
Disabled
Enabled
Disabled
EN1_EN0
PP5V to VBUS (SRC)
VBUS to PPHV (SNK)
Disabled
00b
01b
00b
10b
00b
Disabled
01b
Enabled
t
OFF_PPHV
t
ON_PP5V
t
ON_PPHV
t
OFF_PP5V
t
DG_EN
t
DG_EN
t
DG_EN
23
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 2. TPS6602x Device Functional Modes() (continued)
EN1
EN0
VIN
VVBUS
VPP5V
FLT
Device State
Source Path
Sink Path
(3)
In this case VLDO is supplying power to the device.
0
1
< UV_VIN
≥
UV_VBUS(3)
X
Hi-Z
SNK
Disabled
Safety engaged.
Enabled
RCP, OVT enabled
X
Hi-Z
SNK FAULT
Disabled
Safety engaged.
Enabled with Blocking
RCP event.
X
L
SNK FAULT
Disabled
Safety engaged.
Disabled
OVP(2) or OVT event.
<
UV_VBUS(3)
X
Hi-Z
SNK FAULT
Disabled
Safety engaged.
Disabled
VBUS UVLO event.
8.7.5 Enabling the PP5V Source Path
The timing diagram of enabling the PP5V Source path with a current limit set to 1.5 A is shown in Figure 11. As
shown, transitions from either the Source path to the Sink path or vice-versa always requires a transition first to
the DISABLED state, EN1_EN0 = 00b. Figure 12 shows the timing diagram going from a Sink to a 3-A Source.
Figure 13 shows changing the current limit back to 1.5 A from its original 3-A setting.
Figure 11. Enabling the PP5V Source Path to 1.5-A Current Limit
Figure 12. Enabling the PP5V Source Path to 3-A Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com