Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments TPS66021 Datasheet HTML 15Page - Texas Instruments TPS66021 Datasheet HTML 16Page - Texas Instruments TPS66021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
TPS66020, TPS66021
www.ti.com
SLVSEW8 – AUGUST 2019
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.1 PP5V Current Limit
The current through PP5V to VBUS current limit may be dynamically selected to support 1.5-A or 3-A operation
via EN0 and EN1. An external resistance to GND on IREF terminal is required to set the bias current for accurate
current limit operation.
Under overload conditions, the internal current-limit regulator limits the output current to the selected current limit
setting, ILIM_PP5V, where ILIM_PP5V is ILIM_PP5V_1P5 or ILIM_PP5V_3P0, as shown in the Electrical Characteristics. When
an overload condition is present, the device maintains a constant output current, with the output voltage
determined by (ILIM_PP5V x RLOAD ). Two possible overload conditions can occur. The first overload condition
occurs when either: 1) PP5V input voltage is first applied, PP5V source path is enabled (EN1_EN0 = 10b or
EN1_EN0 = 11b), and a short circuit is presented (load which draws IOUT > ILIM_PP5V), or 2) PP5V input voltage is
present and the PP5V source path is enabled into a short circuit. The output voltage is held near zero potential
with respect to ground and the TPS6602x ramps the output current to ILIM_PP5V. The TPS6602x limits the current
to ILIM_PP5V until the overload condition is removed or the device begins to thermal cycle. This is demonstrated in
where the device was enabled into a short, and subsequently cycles current off and on as the thermal protection
engages.
The second condition is when an overload occurs while the PP5V source path is enabled and fully turned on.
The device responds to the overload condition within time tOS_PP5V (see Figure 1) when the specified overload
(per Electrical Characteristics) is applied. The response speed and shape vary with the overload level, input
circuit and rate of application. The current-limit response varies between simply settling to ILIM_PP5V or turning off
and a controlled return to ILIM_PP5V. Similar to the previous case, the TPS6602x limits the current to ILIM_PP5V until
the overload condition is removed or the device begins to thermal cycle. The TPS6602x thermal cycles if an
overload condition is present long enough to activate thermal limiting in any of the above cases. This is due to
the relatively large power dissipation [(VPP5V – VVBUS) x ILIM_PP5V] elevating the junction temperature. The PP5V
source path turns off when its temperature reaches its thermal shutdown temperature of TSD_PP5V_R while in
current limit. The PP5V source path remains off until its temperature cools to TSD_PP5V_F and then re-enables
automatically.
8.3.1.2 PP5V Reverse Current Protection (RCP)
When the PP5V power path is enabled, the RCP circuitry monitors the voltage across the path. If the RCP
monitor detects VVBUS - VPP5V ≥ VRCP_THRES_PP5V, the PP5V path will be disabled preventing additional current
flow from VBUS to PP5V. The power path will be completely disabled and remain disabled as long as the RCP
condition persists. After the RCP event, the PP5V path will automatically re-enable. FLT is asserted when a
reverse current protection event occurs on the PP5V path.
8.3.2 20-V Sink (PPHV Power Path)
The PPHV path is a Sink only path, providing power from the VBUS terminal to the PPHV terminal when
enabled. The PPHV power path uses two back-to-back N-channel MOSFETs, and blocks current in both
directions when the power path is disabled.
8.3.2.1 PPHV Soft Start
The TPS6602x PPHV power path has soft start circuitry to control in-rush current when the PPHV power path is
enabled. DC loading should be minimized during soft start since the PPHV path may experience high power
dissipation especially at higher VBUS voltages. This may lead to a PPHV overtemperature protection event.
8.3.2.2 PPHV Reverse Current Protection (RCP)
When the PPHV power path is enabled, the RCP circuitry monitors the voltage across the path. If the RCP
monitor detects VPPHV - VVBUS ≥ VRCP_THRES_PPHV, the PPHV path will be disabled preventing additional current
flow from PPHV to VBUS. The power path will be completely disabled and remain disabled as long as the RCP
condition persists. After the RCP event, the PPHV path will automatically re-enable. FLT is not asserted when a
reverse current protection event occurs on the PPHV path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com