Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 6Page - Texas Instruments TPS66021 Datasheet HTML 7Page - Texas Instruments TPS66021 Datasheet HTML 8Page - Texas Instruments TPS66021 Datasheet HTML 9Page - Texas Instruments TPS66021 Datasheet HTML 10Page - Texas Instruments TPS66021 Datasheet HTML 11Page - Texas Instruments TPS66021 Datasheet HTML 12Page - Texas Instruments TPS66021 Datasheet HTML 13Page - Texas Instruments TPS66021 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Power Consumption Characteristics (continued)
Operating under these conditions unless otherwise noted: -10
℃ ≤ TJ ≤ 85 ℃, 2.85V ≤ VVIN ≤ 5.5V, RIREF = 75 kΩ ±1% overall
tolerance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISD_PP5V
Current consumed by
PP5V(1)
VIN = 3.3V, PP5V = 5.5V,
PPHV = 0V, VBUS = 0V,
DISABLED state. Measure
IPP5V. TPS66020 only.
2
µA
VIN = 5V, PP5V = 5.5V, PPHV
= 0V, VBUS = 0V, DISABLED
state. Measure IPP5V. TPS66021
only.
2
µA
IACT_PP5V
Current consumed by
PP5V(1)
VIN = 3.3V, PP5V = 5.5V,
PPHV= 0V, SRC 1.5A or SRC
3.0A state. Measure IPP5V.
TPS66020 only.
80
µA
VIN = 5V, PP5V = 5.5V, PPHV=
0V, SRC 1.5A or SRC 3.0A
state. Measure IPP5V. TPS66021
only.
76
µA
ISD_VBUS
Current consumed by
VBUS(1)
VIN = 3.3V, PP5V = 0V, PPHV=
0V, DISABLED state. Measure
IVBUS. TPS66020 only.
VBUS =
5.5V
10
24
µA
VBUS =
22V
33
µA
VIN = 5V, PP5V = 0V, PPHV=
0V, DISABLED state. Measure
IVBUS. TPS66021 only.
VBUS =
5.5V
6
µA
VBUS =
22V
28
µA
ISD_VBUS_LDO
Current consumed by
VBUS(1)
VIN = 0V, PP5V = 0V, PPHV=
0V, DISABLED state. Measure
IVBUS.
VBUS =
5.5V
39
µA
VBUS =
22V
62
µA
IACT_VBUS
Current consumed by
VBUS(1)
VIN = 3.3V, PP5V = 0V, SNK
state. Measure
IVBUS. TPS66020 only.
VBUS =
5.5V
201
µA
VBUS =
22V
250
µA
VIN = 5V, PP5V = 0V, SNK
state. Measure
IVBUS. TPS66021 only.
VBUS =
5.5V
197
µA
VBUS =
22V
248
µA
VOC_VBUS
Open circuit voltage,
VBUS
PP5V = 5.5V, PPHV = 22V,
DISABLED state, no DC loading
on VBUS. Measure VVBUS under
steady state conditions.
0.8
V
VOC_PP5V
Open circuit voltage,
PP5V
VBUS = 22V, PPHV = 0V,
DISABLED state, no DC loading
on PP5V. Measure VPP5V under
steady state conditions.
0.8
V
VOC_PPHV
Open circuit voltage,
PPHV
VBUS = 22V, PP5V = 0V,
DISABLED state, no DC loading
on PPHV. Measure VPPHV under
steady state conditions.
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com