Electronic Components Datasheet Search
  English  ▼

X  

TPS66021 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS66021
Description  TPS6602x Integrated Source and Sink Power Multiplexer with VBUS LDO Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS66021 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS66021 Datasheet HTML 26Page - Texas Instruments TPS66021 Datasheet HTML 27Page - Texas Instruments TPS66021 Datasheet HTML 28Page - Texas Instruments TPS66021 Datasheet HTML 29Page - Texas Instruments TPS66021 Datasheet HTML 30Page - Texas Instruments TPS66021 Datasheet HTML 31Page - Texas Instruments TPS66021 Datasheet HTML 32Page - Texas Instruments TPS66021 Datasheet HTML 33Page - Texas Instruments TPS66021 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
PPHV
PP5V
IREF
EN1
EN0
VBUS
GND
VLDO
FLT
TPS66020
GPIO1
GPIO2
3V_IN
PD
Controller
GPIO3
4S2P
VSYS
5V Buck
Battery
Charger
OVP
VIN
VMON
CC1
CC2
Opt.
EN
from EC
VIN
VBAT
2
2
2
2
2
SBU1/2
RX1
TX1
RX2
TX2
D+/-
2
D+/-
2
CC2
CC1
GND
VBUS
Type-C
Receptacle
3.3V Buck
EN
VIN
from EC
VCON_IN
TVS2200
IN
GND
Opt.
Opt.
30
TPS66020, TPS66021
SLVSEW8 – AUGUST 2019
www.ti.com
Product Folder Links: TPS66020 TPS66021
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 20. Single Port Type-C PD Port Using a 3.3-V Supply.
9.2.1 Design Requirements
For a single port notebook application, Table 4 lists the input voltage requirements and expected current
capabilities.
Table 4. Single-Port Notebook Application Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE(S)
POWER PATH DIRECTION
PP5V Input Voltage and Current
Capabilities
5V/3A
Source from PP5V to VBUS
VCON_IN Input Voltage and
Current Capabilities
5V/300mA (1.5W)
Source to VCONN
VBUS Input Voltage and Current
Capabilities
5V/3A, 9V/3A, 15V/3A, 20V/3A
Sink from VBUS to PPHV
5V_IN Input Voltage and Current
Capabilities
4.5-5.5V/30mA
5-V PD Controller Supply
3V_IN Input Voltage and Current
Capabilities
3.0-3.6V/30mA
3.3-V PD Controller Supply
9.2.2 Detailed Design Procedure
9.2.2.1 External Current Reference Resistor (RIREF)
A 75-kΩ resistor is required from the TPS6602x IREF terminal to ground. RIREF is used to set the proper
reference current required to meet the min/max current limit specifications in the datasheet of the PP5V power
path. An overall resistance tolerance of +/- 1% is required to meet the datasheet specifications which includes
aging, temperature, and resistance variation. A +/- 0.5% resistor is recommended. Care should be taken to
ensure the ground return of RIREF is in close proximity to the GND terminal of the TPS6602x to minimize error in
the current limit setting due to voltage drops that may occur across the ground supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com