Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 52Page - Cirrus Logic CS47L24 Datasheet HTML 53Page - Cirrus Logic CS47L24 Datasheet HTML 54Page - Cirrus Logic CS47L24 Datasheet HTML 55Page - Cirrus Logic CS47L24 Datasheet HTML 56Page - Cirrus Logic CS47L24 Datasheet HTML 57Page - Cirrus Logic CS47L24 Datasheet HTML 58Page - Cirrus Logic CS47L24 Datasheet HTML 59Page - Cirrus Logic CS47L24 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 256 page
background image
CS47L24
56
Rev 4.1
to trigger other events. The Signal Detect function can be used as an Interrupt event, or as a GPIO output, or used to
trigger the Control Write Sequencer (note - DRC1 only).
DRCnLMIX_VOL2
DRCnLMIX_VOL3
DRCnLMIX_VOL4
+
DRCnLMIX_VOL1
DRCnLMIX_SRC1
DRCnLMIX_SRC3
DRCnLMIX_SRC4
DRCnLMIX_SRC2
DRC1 Left (58h)
DRC2 Left (5Ah)
DRC
Dynamic Range Controller
DRCnRMIX_VOL2
DRCnRMIX_VOL3
DRCnRMIX_VOL4
+
DRCnRMIX_VOL1
DRCnRMIX_SRC1
DRCnRMIX_SRC3
DRCnRMIX_SRC4
DRCnRMIX_SRC2
DRC1 Right (59h)
DRC2 Right (5Bh)
DRC
Dynamic Range Controller
CS47L24 supports 2 Stereo DRC blocks, ie. n = 1 or 2
Figure 18 Dynamic Range Control (DRC) Block
The DRC1 and DRC2 mixer control registers (see Figure 18) are located at register addresses R2240 (8C0h) through to
R2271 (08DFh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective DRC processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the DRC to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 18,
e.g.,”(58h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The sample rate for the DRC function is configured using the FX_RATE register - see Table 21. Note that the EQ, DRC
and LHPF functions must all be configured for the same sample rate.
The DRC function supports audio sample rates in the range 8kHz to 96kHz. Higher sample rates (up to 192kHz) may be
selected using FX_RATE, provided that the DRC function is disabled.
Sample rate conversion is required when routing the DRC signal paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
The DRC functions are enabled using the control registers described in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com