Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 67Page - Cirrus Logic CS47L24 Datasheet HTML 68Page - Cirrus Logic CS47L24 Datasheet HTML 69Page - Cirrus Logic CS47L24 Datasheet HTML 70Page - Cirrus Logic CS47L24 Datasheet HTML 71Page - Cirrus Logic CS47L24 Datasheet HTML 72Page - Cirrus Logic CS47L24 Datasheet HTML 73Page - Cirrus Logic CS47L24 Datasheet HTML 74Page - Cirrus Logic CS47L24 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 256 page
background image
CS47L24
Rev 4.1
71
DSPnLMIX_VOL2
DSPnLMIX_VOL3
DSPnLMIX_VOL4
+
DSPnLMIX_VOL1
DSPnLMIX_SRC1
DSPnLMIX_SRC3
DSPnLMIX_SRC4
DSPnLMIX_SRC2
DSPnRMIX_VOL2
DSPnRMIX_VOL3
DSPnRMIX_VOL4
+
DSPnRMIX_VOL1
DSPnRMIX_SRC1
DSPnRMIX_SRC3
DSPnRMIX_SRC4
DSPnRMIX_SRC2
DSP n
DSPn Channel 1
DSPn Channel 2
DSPn Channel 3
DSPn Channel 4
DSPn Channel 5
DSPn Channel 6
CS47L24 supports 2 DSP blocks, ie. n = 2 or 3. Note that DSP1 is not implemented on this device.
DSP2 Outputs:
(70h, 71h, 72h,
73h, 74h, 75h)
DSP3 Outputs:
(78h, 79h, 7Ah,
7Bh, 7Ch, 7Dh)
Figure 21 Digital Core DSP Blocks
The DSP2 and DSP3 mixer / input control registers (see Figure 21) are located at register addresses R2432 (980h)
through to R2552 (9F8h). (Note that DSP1 is not implemented on this device.)
The full list of digital mixer control registers is provided in th
e “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective DSP processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the DSP to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 21,
e.g.,”(68h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The sample rate for each of the DSP functions is configured using the respective DSPn_RATE registers - see Table 21.
Sample rate conversion is required when routing the DSPn signal paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
The CS47L24 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the
commanded DSP mixing functions. If an attempt is made to enable a DSP mixer path, and there are insufficient SYSCLK
cycles to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be
affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See “General Purpose
Input / Output
” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.
The CS47L24 supports up to eight DSP Status flags as outputs from the DSP blocks. These are configurable within the
DSP to provide external indication of the required function(s). The DSP Status flags can be read using the
DSP_IRQn_STS registers described in Table 66
(see “Interrupts”).
The DSP Status flags are inputs to the Interrupt control circuit and can be used to trigger an interrupt event - see
“Interrupts”.
The DSP Status flags can be output directly on a GPIO pin as an external indication of the DSP Status. S
ee “General
Purpose Input / Output
” to configure a GPIO pin for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com