Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 74Page - Cirrus Logic CS47L24 Datasheet HTML 75Page - Cirrus Logic CS47L24 Datasheet HTML 76Page - Cirrus Logic CS47L24 Datasheet HTML 77Page - Cirrus Logic CS47L24 Datasheet HTML 78Page - Cirrus Logic CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 256 page
background image
CS47L24
78
Rev 4.1
PWM GENERATOR
The CS47L24 incorporates two Pulse Width Modulation (PWM) signal generators as illustrated in Figure 25. The duty
cycle of each PWM signal can be modulated by an audio source, or can be set to a fixed value using a control register
setting.
A 4-input mixer is associated with each PWM generator. The 4 input sources are selectable in each case, and
independent volume control is provided for each path.
The PWM signal generators can
be output directly on a GPIO pin. See “General Purpose Input / Output” to configure a
GPIO pin for this function.
Note that the PWM output should always be disabled whenever the system clock, SYSCLK, is disabled. Failure to do this
may result in a persistent lo
gic ‘1’ DC output from the PWM generator. See “Clocking and Sample Rates” for details of
system clocking and the associated control requirements.
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal processing functions
within the CS47L24 digital core.
PWM1MIX_VOL2
PWM1MIX_VOL3
PWM1MIX_VOL4
+
PWM1MIX_VOL1
PWM1MIX_SRC1
PWM1MIX_SRC3
PWM1MIX_SRC4
PWM1MIX_SRC2
GPIO
(GPn = 08h)
PWM1
PWM1_ENA
PWM1_OVD
PWM1_LVL
PWM2MIX_VOL2
PWM2MIX_VOL3
PWM2MIX_VOL4
+
PWM2MIX_VOL1
PWM2MIX_SRC1
PWM2MIX_SRC3
PWM2MIX_SRC4
PWM2MIX_SRC2
GPIO
(GPn = 09h)
PWM2
PWM2_ENA
PWM2_OVD
PWM2_LVL
PWM_RATE
PWM_CLK_SEL
When PWMn_OVD = 0, the PWM duty cycle is controlled by the respective digital audio mixer.
When PWMn_OVD = 1, the PWM duty cycle is set by PWMn_LVL.
The PWM sample rate and clocking frequency are selected using PWM_RATE and PWM_CLK_SEL.
Figure 25 Digital Core Pulse Width Modulation (PWM) Generator
The PWM1 and PWM2 mixer control registers (see Figure 25) are located at register addresses R1600 (640h) through to
R1615 (64Fh).
The full list of digital mixer control regis
ters is provided in the “Register Map” section (Register R1600 through to R3000).
Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input source(s) must be
configured for the same sample rate as the mixer to which they are connected. Sample rate conversion functions are
available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous
Sample Rate Converter (ISRC)
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com