Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 23Page - Cirrus Logic CS47L24 Datasheet HTML 24Page - Cirrus Logic CS47L24 Datasheet HTML 25Page - Cirrus Logic CS47L24 Datasheet HTML 26Page - Cirrus Logic CS47L24 Datasheet HTML 27Page - Cirrus Logic CS47L24 Datasheet HTML 28Page - Cirrus Logic CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 256 page
background image
CS47L24
Rev 4.1
27
DIGITAL AUDIO INTERFACE - TDM MODE
When TDM operation is used on the AIFnTXDAT pins, it is important that two devices do not attempt to drive the
AIFnTXDAT pin simultaneously. To support this requirement, the AIFnTXDAT pins can be configured to be tri-stated
when not outputting data.
The timing of the AIFnTXDAT tri-stating at the start and end of the data transmission is described in Figure 5 below.
BCLK
TXDAT
AIFnTXDAT enable time
AIFnTXDAT disable time
AIFnTXDAT undriven (tri-state)
AIFnTXDAT valid (CODEC output)
AIFnTXDAT valid
AIFnTXDAT undriven (tri-state)
Figure 5 Audio Interface Timing - TDM Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
TDM Timing - Master Mode
CLOAD (AIFnTXDAT) = 15pF to 25pF. BCLK slew (10% to 90%) = 3.7ns to 5.6ns.
AIFnTXDAT enable time from BCLK falling edge
0
ns
AIFnTXDAT disable time from BCLK falling edge
6
ns
TDM Timing - Slave Mode
CLOAD (AIFnTXDAT) = 15pF). BCLK slew (10% to 90%) = 3ns.
AIFnTXDAT enable time from BCLK falling edge
2
ns
AIFnTXDAT disable time from BCLK falling edge
10.7
ns
TDM Timing - Slave Mode
CLOAD (AIFnTXDAT) = 25pF). BCLK slew (10% to 90%) = 6ns
AIFnTXDAT enable time from BCLK falling edge
2
ns
AIFnTXDAT disable time from BCLK falling edge
12.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com