Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic CS47L24 Datasheet HTML 83Page - Cirrus Logic CS47L24 Datasheet HTML 84Page - Cirrus Logic CS47L24 Datasheet HTML 85Page - Cirrus Logic CS47L24 Datasheet HTML 86Page - Cirrus Logic CS47L24 Datasheet HTML 87Page - Cirrus Logic CS47L24 Datasheet HTML 88Page - Cirrus Logic CS47L24 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 256 page
background image
CS47L24
Rev 4.1
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3584
(0E00h)
FX_Ctrl
14:11
FX_RATE [3:0]
0000
FX Sample Rate (EQ, LHPF, DRC)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
When the DRC is enabled, the maximum
FX_RATE sample rate is 96kHz.
All EQnMIX_SRCm, DRCnxMIX_SRCm,
and LHPFnMIX_SRCm registers should
be set to 00h before changing FX_RATE.
R4608
(1200h)
DSP2
Control 1
14:11
DSP2_RATE
[3:0]
0000
DSP2 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
All DSP2xMIX_SRCn registers should be
set to 00h before changing DSP2_RATE.
R4864
(1300h)
DSP3
Control 1
14:11
DSP3_RATE
[3:0]
0000
DSP3 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
All DSP3xMIX_SRCn registers should be
set to 00h before changing DSP3_RATE.
Table 21 Digital Core Sample Rate Control
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC)
The CS47L24 supports multiple signal paths through the digital core. Two independent clock domains are supported,
referenced to SYSCLK and ASYNCCLK
respectively, as described in “Clocking and Sample Rates”. Every digital signal
path must be synchronised either to SYSCLK or to ASYNCCLK.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the SYSCLK and
ASYNCCLK domains, as illustrated in Figure 28.
The sample rate on the SYSCLK domain is selected using the ASRC_RATE1 register - the rate can be set equal to
SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
The sample rate on the ASYNCCLK domain is selected using the ASRC_RATE2 register - the rate can be set equal to
ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
The ASRC_RATE1 and ASRC_RATE2 registers should not be changed if any of the respective *_SRCn registers is non-
zero. The associated *_SRCn registers should be cleared to 00h before writing new values to ASRC_RATE1 or
ASRC_RATE2. A minimum delay of 125µs should be allowed between clearing the *_SRCn registers and writing to the
associated ASRC_RATE1 or ASRC_RATE2 registers. See Table 22 for further details.
The ASRC supports sample rates in the range 8kHz to 48kHz only. The applicable SAMPLE_RATE_n and
ASYNC_SAMPLE_RATE_n registers must each select sample rates between 8kHz and 48kHz when any ASRC path is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com