Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic CS47L24 Datasheet HTML 36Page - Cirrus Logic CS47L24 Datasheet HTML 37Page - Cirrus Logic CS47L24 Datasheet HTML 38Page - Cirrus Logic CS47L24 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 256 page
background image
CS47L24
Rev 4.1
35
Two digital microphone channels are interleaved on DMICDATn. The digital microphone interface timing is illustrated in
Figure 11. Each microphone must tri-state its data output when the other microphone is transmitting.
DMICCLKn pin
DMICDATn pin
(Left & Right
channels interleaved)
1
2
1
2
1
2
Left Mic output
1
1
1
Right Mic output
2
2
2
hi-Z
Figure 11 Digital Microphone Interface Timing
When digital microphone input is enabled, the CS47L24 outputs a clock signal on the applicable DMICCLK pin(s). The
DMICCLK frequency is selectable, as described in Table 1.
Note that SYSCLK must be present and enabled when using the Digital
Microphone inputs; see “Clocking and Sample
Rates
” for details of SYSCLK and the associated register control fields.
INPUT SIGNAL PATH ENABLE
The input signal paths are enabled using the register bits described in Table 2. The respective bit(s) must be enabled for
digital input on the respective input path(s).
The input signal paths are muted by default. It is recommended that de-selecting the mute should be the final step of the
path enable control sequence. Similarly, the mute should be selected as the first step of the path disable control
sequence. The input signal path mute functions are controlled using the register bits described in Table 4.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The ASYNCCLK clock
may also be required, depending on the path configuration. See “Clocking and Sample Rates” for details of the system
clocks.
The CS47L24 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the input
signal paths. If an attempt is made to enable an input signal path, and there are insufficient SYSCLK cycles to support it,
then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/
or Interrupt functions. See “General Purpose
Input / Output
” and “Interrupts” for further details.
The status bits in Register R769 indicate the status of each of the input signal paths. If an Underclocked Error condition
occurs, then these bits provide readback of which input signal path(s) have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768
(0300h)
Input
Enables
3
IN2L_ENA
0
Input Path 2 (Left) Enable
0 = Disabled
1 = Enabled
2
IN2R_ENA
0
Input Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
IN1L_ENA
0
Input Path 1 (Left) Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com