Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 16Page - Cirrus Logic CS47L24 Datasheet HTML 17Page - Cirrus Logic CS47L24 Datasheet HTML 18Page - Cirrus Logic CS47L24 Datasheet HTML 19Page - Cirrus Logic CS47L24 Datasheet HTML 20Page - Cirrus Logic CS47L24 Datasheet HTML 21Page - Cirrus Logic CS47L24 Datasheet HTML 22Page - Cirrus Logic CS47L24 Datasheet HTML 23Page - Cirrus Logic CS47L24 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 256 page
background image
CS47L24
20
Rev 4.1
TYPICAL PERFORMANCE
TYPICAL POWER CONSUMPTION
Test Conditions:
DCVDD = 1.2V, DBVDD = MICVDD = CPVDD = AVDD = 1.8V, SPKVDD = 4.2V,
SYSCLK = 12.288MHz (direct MCLK1 input), TA = +25ºC.
OPERATING MODE
TEST CONDITIONS
SUPPLY
CURRENT
(1.2V)
SUPPLY
CURRENT
(1.8V)
SUPPLY
CURRENT
(4.2V)
TOTAL
POWER
Music Playback to Headphone
AIF1 to DAC to HPOUT (stereo),
fs=48kHz, 24-bit I2S, Slave mode,
Load = 32
, eDRE enabled.
Quiescent
1.54mA
0.75mA
0.0mA
3.19mW
1kHz sine wave, PO=10mW
1.59mA
38.2mA
0.0mA
70.6mW
Music Playback to Speaker
AIF1 to DAC to SPKOUT,
fs=48kHz, 24-bit I2S, Slave mode,
Load = 8
, 22µH, BTL, eDRE enabled
Quiescent
1.26mA
0.08mA
0.00mA
1.65mW
1kHz sine wave, PO=700mW
1.28mA
1.03mA
197mA
833mW
Full Duplex Speakerphone Voice Call
Digital Mic to AIF1 (out),
AIF (in) to DAC to SPKOUT,
fs=8kHz, 16-bit I2S, Slave mode.
MEMS microphone powered from 1.8V
MICBIAS output (regulator bypass mode
enabled). DMICCLK = 3.072MHz. Speaker
load = 8
, BTL.
Quiescent
0.77mA
1.28mA
1.29mA
8.63mW
Stereo Line Record
Digital Mic to AIF1,
fs=48kHz, 24-bit I2S, Slave mode.
MEMS microphone powered from 1.8V
MICBIAS output (regulator bypass mode
enabled). DMICCLK = 3.072MHz.
1kHz sine wave, -1dBFS out
1.2mA
1.5mA
0.0mA
4.1mW
Off
Leakage current only, all clocks disabled,
thermal protection disabled, DSP firmware
memory disabled.
0.04mA
0.00mA
0.00mA
0.06mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com