Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 15Page - Cirrus Logic CS47L24 Datasheet HTML 16Page - Cirrus Logic CS47L24 Datasheet HTML 17Page - Cirrus Logic CS47L24 Datasheet HTML 18Page - Cirrus Logic CS47L24 Datasheet HTML 19Page - Cirrus Logic CS47L24 Datasheet HTML 20Page - Cirrus Logic CS47L24 Datasheet HTML 21Page - Cirrus Logic CS47L24 Datasheet HTML 22Page - Cirrus Logic CS47L24 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 256 page
background image
CS47L24
Rev 4.1
19
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
Device Reset Thresholds
AVDD Reset Threshold
VAVDD
VAVDD rising
1.56
V
VAVDD falling
0.92
1.55
DCVDD Reset Threshold
VDCVDD
VDCVDD rising
1.04
V
VDCVDD falling
0.49
0.64
DBVDD Reset Threshold
VDBVDD
VDBVDD rising
1.54
V
VDBVDD falling
0.58
1.52
Note that the reset thresholds are derived from simulations only, across all operational and process corners.
Device performance is not assured outside the voltage ranges defined in the “Recommended Operating Conditions” section. Refer to this
section for the CS47L24 power-up sequencing requirements.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB)
– SNR is a measure of the difference in level between the maximum full scale output signal and the output
with no input signal applied. (Note that this is measured without any mute function enabled.)
2.
Total Harmonic Distortion (dB)
– THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth (see
note below) relative to the RMS amplitude of the fundamental (i.e., test frequency) output.
3.
Total Harmonic Distortion plus Noise (dB)
– THD+N is the ratio of the RMS sum of the harmonic distortion products plus noise in the
specified bandwidth (see note below) relative to the RMS amplitude of the fundamental (i.e., test frequency) output.
4.
Power Supply Rejection Ratio (dB) - PSRR is the ratio of a specified power supply variation relative to the output signal that results from
it. PSRR is measured under quiescent signal path conditions.
5.
Common Mode Rejection Ratio (dB)
– CMRR is the ratio of a specified input signal (applied to both sides of a differential input), relative
to the output signal that results from it.
6.
Channel Separation (L/R) (dB)
– left-to-right and right-to-left channel separation is the difference in level between the active channel
(driven to maximum full scale output) and the measured signal level in the idle channel at the test signal frequency. The active channel
is configured and supplied with an appropriate input signal to drive a full scale output, with signal measured at the output of the
associated idle channel.
7.
Multi-Path Crosstalk (dB)
– is the difference in level between the output of the active path and the measured signal level in the idle path
at the test signal frequency. The active path is configured and supplied with an appropriate input signal to drive a full scale output, with
signal measured at the output of the specified idle path.
8.
Mute Attenuation
– This is a measure of the difference in level between the full scale output signal and the output with mute applied.
9.
All performance measurements are specified with a 20kHz low pass ‘brick-wall’ filter and, where noted, an A-weighted filter. Failure to
use these filters will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The low pass filter
removes out-of-band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com