Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 8Page - Cirrus Logic CS47L24 Datasheet HTML 9Page - Cirrus Logic CS47L24 Datasheet HTML 10Page - Cirrus Logic CS47L24 Datasheet HTML 11Page - Cirrus Logic CS47L24 Datasheet HTML 12Page - Cirrus Logic CS47L24 Datasheet HTML 13Page - Cirrus Logic CS47L24 Datasheet HTML 14Page - Cirrus Logic CS47L24 Datasheet HTML 15Page - Cirrus Logic CS47L24 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 256 page
background image
CS47L24
12
Rev 4.1
ELECTRICAL CHARACTERISTICS
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Microphone Input Signal Level (DMICDAT1, DMICDAT2)
Full-scale input signal level
(0dBFS signal to digital core)
0dB gain
-6
dBFS
Note:
The digital microphone input signal level is measured in dBFS, where 0dBFS is a signal level equal to the full-scale range (FSR) of the PDM
input. The FSR is defined as the amplitude of a 1kHz sine wave whose positive and negative peaks are represented by the maximum and
minimum digital codes respectively - this is the largest 1kHz sine wave that will fit in the digital output range without clipping.
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTL, HPOUTR)
Load resistance
Normal operation,
Single-ended mode
6
Ω
Normal operation,
Differential (BTL) mode
15
Device survival with load
applied indefinitely
0
Load capacitance
Direct connection,
Normal Mode
500
pF
Direct connection,
Mono Mode (BTL)
200
Connection via 16
Ω
series resistor
2
nF
Speaker Output Driver (SPKOUTP+SPKOUTN)
Load resistance
Normal operation
4
Ω
Device survival with load
applied indefinitely
0
Load capacitance
200
pF
Digital Speaker Output (SPKDAT)
Full-scale output level
(0dBFS digital core output)
0dB gain
-6
dBFS
Note:
The digital output signal level is measured in dBFS, where 0dBFS is a signal level equal to the full-scale range (FSR) of the PDM output. The
FSR is defined as the amplitude of a 1kHz sine wave whose positive and negative peaks are represented by the maximum and minimum
digital codes respectively - this is the largest 1kHz sine wave that will fit in the digital output range without clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com