Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 4Page - Cirrus Logic CS47L24 Datasheet HTML 5Page - Cirrus Logic CS47L24 Datasheet HTML 6Page - Cirrus Logic CS47L24 Datasheet HTML 7Page - Cirrus Logic CS47L24 Datasheet HTML 8Page - Cirrus Logic CS47L24 Datasheet HTML 9Page - Cirrus Logic CS47L24 Datasheet HTML 10Page - Cirrus Logic CS47L24 Datasheet HTML 11Page - Cirrus Logic CS47L24 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 256 page
background image
CS47L24
8
Rev 4.1
PIN NO
NAME
TYPE
DESCRIPTION
E2
MICBIAS1
Analogue Output
Microphone bias 1
D1
MICBIAS2
Analogue Output
Microphone bias 2
B1
MICVDD
Supply
Microphone bias supply (input to MICBIASn regulators).
E8
RESET
¯¯¯¯¯¯
Digital Input
Digital Reset input (active low)
B9
SPKGNDN
Supply
Speaker driver ground (Return path for SPKVDD).
See note.
D9
SPKGNDP
Supply
Speaker driver ground (Return path for SPKVDD).
See note.
A8
SPKOUTN
Analogue Output
Speaker negative output
C8
SPKOUTP
Analogue Output
Speaker positive output
B7, D7
SPKVDD
Supply
Speaker driver supply
H1
SUBGND
Supply
Substrate ground
G8
TCK
Digital Input
JTAG clock input.
Internal pull-down holds this pin at logic 0 for normal operation.
H7
TDI
Digital Input
JTAG data input.
Internal pull-down holds this pin at logic 0 for normal operation.
J6
TDO
Digital Output
JTAG data output
G6
TMS
Digital Input
JTAG mode select input.
Internal pull-down holds this pin at logic 0 for normal operation.
K3
TRST
Digital Input
JTAG Test Access Port reset (active low).
Internal pull-down holds this pin at logic 0 for normal operation.
J2
VREFC
Analogue Output
Bandgap reference decoupling capacitor connection
K1
NC
No Connection
Note:
Separate P/N ground connections are provided for each speaker driver channel; this provides flexible support for current monitoring and
output protection circuits. If this option is not used, then the respective ground connections should be tied together on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com