Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 10Page - Cirrus Logic CS47L24 Datasheet HTML 11Page - Cirrus Logic CS47L24 Datasheet HTML 12Page - Cirrus Logic CS47L24 Datasheet HTML 13Page - Cirrus Logic CS47L24 Datasheet HTML 14Page - Cirrus Logic CS47L24 Datasheet HTML 15Page - Cirrus Logic CS47L24 Datasheet HTML 16Page - Cirrus Logic CS47L24 Datasheet HTML 17Page - Cirrus Logic CS47L24 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 256 page
background image
CS47L24
14
Rev 4.1
Test Conditions
DBVDD = CPVDD = AVDD = 1.8V, MICVDD = 2.2V, DCVDD = 1.2V, SPKVDD = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, Gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Headphone Output (HPOUTL, HPOUTR, RL = 32, Short Circuit Protection disabled)
Maximum output power
PO
0.1% THD+N
30
mW
Signal to Noise Ratio (A-weighted)
SNR
Output signal = 1Vrms
106
115
dB
Output signal = 1Vrms,
eDRE software enabled
121
Dynamic Range (A-weighted)
DR
-60dBFS input
115
dB
Total Harmonic Distortion
THD
PO = 20mW
-92
-82
dB
Total Harmonic Distortion + Noise
THD+N
PO = 20mW
-90
dB
Total Harmonic Distortion
THD
PO = 5mW
-91
dB
Total Harmonic Distortion + Noise
THD+N
PO = 5mW
-88
dB
Channel separation (Left/Right)
94
dB
Output noise floor (A-weighted)
eDRE software enabled
0.9
µVRMS
PSRR (DBVDD, CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
105
dB
100mV (peak-peak) 10kHz
75
PSRR (MICVDD)
PSRR
100mV (peak-peak) 217Hz
112
dB
100mV (peak-peak) 10kHz
102
PSRR (DCVDD)
PSRR
100mV (peak-peak) 217Hz
110
dB
100mV (peak-peak) 10kHz
114
PSRR (SPKVDD)
PSRR
100mV (peak-peak) 217Hz
111
dB
100mV (peak-peak) 10kHz
103
DAC to Headphone Output (HPOUTL, HPOUTR, RL = 16, Short Circuit Protection disabled; eDRE enabled)
Maximum output power
PO
0.1% THD+N
39
mW
Signal to Noise Ratio (A-weighted)
SNR
Output signal = 1Vrms
106
115
dB
Output signal = 1Vrms,
eDRE software enabled
121
Dynamic Range (A-weighted)
DR
-60dBFS input
115
dB
Total Harmonic Distortion
THD
PO = 20mW
-88
-78
dB
Total Harmonic Distortion + Noise
THD+N
PO = 20mW
-87
dB
Total Harmonic Distortion
THD
PO = 5mW
-88
dB
Total Harmonic Distortion + Noise
THD+N
PO = 5mW
-86
dB
Channel separation (Left/Right)
92
dB
Output noise floor (A-weighted)
eDRE software enabled
0.9
µVRMS
PSRR (DBVDD, CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
105
dB
100mV (peak-peak) 10kHz
75
PSRR (MICVDD)
PSRR
100mV (peak-peak) 217Hz
112
dB
100mV (peak-peak) 10kHz
102
PSRR (DCVDD)
PSRR
100mV (peak-peak) 217Hz
110
dB
100mV (peak-peak) 10kHz
114
PSRR (SPKVDD)
PSRR
100mV (peak-peak) 217Hz
111
dB
100mV (peak-peak) 10kHz
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com