Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic CS47L24 Datasheet HTML 83Page - Cirrus Logic CS47L24 Datasheet HTML 84Page - Cirrus Logic CS47L24 Datasheet HTML 85Page - Cirrus Logic CS47L24 Datasheet HTML 86Page - Cirrus Logic CS47L24 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 256 page
background image
CS47L24
Rev 4.1
83
for the same sample rate.
The DSPn functions can be enabled in any signal path within the digital core. The applicable sample rates are configured
using the DSP2_RATE and DSP3_RATE registers.
The tone generators and noise generator can be selected as input to any of the digital mixers or signal processing
functions. The sample rates for these sources are configured using the TONE_RATE and NOISE_GEN_RATE registers
respectively.
The haptic signal generator can be used to control an external vibe actuator, which can be driven directly by the Class D
speaker output. The sample rate for the haptic signal generator is configured using the HAP_RATE register.
The PWM signal generators can be modulated by an audio source, derived from the associated signal mixers. The
sample rate (cycle time) for the PWM signal generators is configured using the PWM_RATE register.
The sample rate control registers are described in Table 21. Refer to the register descriptions for details of the valid
selections in each case. Note that the input (DMIC) and output (DAC) signal paths must always be associated with the
SYSCLK clocking domain; different sample rates may be selected concurrently, but both these rates must be
synchronised to SYSCLK.
The control registers associated with the ASRC and ISRCs are described in Table 22 and Table 23 respectively within
the following sections.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
(0020h)
Tone
Generator
1
14:11
TONE_RATE
[3:0]
0000
Tone Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
R48
(0030h)
PWM
Drive 1
14:11
PWM_RATE [3:0]
0000
PWM Frequency (sample rate)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
All PWMnMIX_SRCm registers should be
set to 00h before changing PWM_RATE.
R112
0070h)
Comfort
Noise
Generator
14:11
NOISE_GEN_RA
TE [3:0]
0000
Noise Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
R144
0090h)
Haptics
Control 1
14:11
HAP_RATE [3:0]
0000
Haptic Signal Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com