Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 75Page - Cirrus Logic CS47L24 Datasheet HTML 76Page - Cirrus Logic CS47L24 Datasheet HTML 77Page - Cirrus Logic CS47L24 Datasheet HTML 78Page - Cirrus Logic CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic CS47L24 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 256 page
background image
CS47L24
Rev 4.1
79
The PWM sample rate (cycle time) is configured using the PWM_RATE register - see Table 21. Note that sample rate
conversion is required when linking the PWM generators to any signal chain that is asynchronous and/or configured for a
different sample rate.
The PWM generators are enabled using PWM1_ENA and PWM2_ENA respectively, as described in Table 20.
Under default conditions (PWMn_OVD = 0), the duty cycle of the PWM generators is controlled by an audio signal path;
a 4-input mixer is associated with each PWM generator, as illustrated in Figure 25.
When the PWMn_OVD bit is set, the duty cycle of the respective PWM generator is set to a fixed ratio; in this case, the
duty cycle ratio is configurable using the PWMn_LVL registers.
The PWM generator clock frequency is selected using PWM_CLK_SEL. For best performance, this register should be
set to the highest available setting. Note that the PWM generator clock must not be set to a higher frequency than
SYSCLK (if PWM_RATE<1000) or ASYNCCLK (if PWM_RATE
≥1000).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (0030h)
PWM Drive
1
10:8
PWM_CLK_SEL
[2:0]
000
PWM Clock Select
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related sample rates only.
PWM_CLK_SEL controls the resolution
of the PWM generator; higher settings
correspond to higher resolution.
The PWM Clock must be less than or
equal to SYSCLK (if PWM_RATE<1000)
or less than or equal to ASYNCCLK (if
PWM_RATE>=1000).
5
PWM2_OVD
0
PWM2 Generator Override
0 = Disabled (PWM duty cycle is
controlled by audio source)
1 = Enabled (PWM duty cycle is
controlled by PWM2_LVL).
4
PWM1_OVD
0
PWM1 Generator Override
0 = Disabled (PWM1 duty cycle is
controlled by audio source)
1 = Enabled (PWM1 duty cycle is
controlled by PWM1_LVL).
1
PWM2_ENA
0
PWM2 Generator Enable
0 = Disabled
1 = Enabled
0
PWM1_ENA
0
PWM1 Generator Enable
0 = Disabled
1 = Enabled
R49 (0031h)
PWM Drive
2
9:0
PWM1_LVL [9:0]
100h
PWM1 Override Level
Sets the PWM1 duty cycle when
PWM1_OVD=1.
Coded as 2’s complement.
000h = 50% duty cycle
200h = 0% duty cycle
R50 (0032h)
PWM Drive
3
9:0
PWM2_LVL [9:0]
100h
PWM2 Override Level
Sets the PWM2 duty cycle when
PWM2_OVD=1.
Coded as 2’s complement.
000h = 50% duty cycle
200h = 0% duty cycle
Table 20 Pulse Width Modulation (PWM) Generator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com