Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 27Page - Cirrus Logic CS47L24 Datasheet HTML 28Page - Cirrus Logic CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 256 page
background image
CS47L24
Rev 4.1
31
DIGITAL AUDIO CORE
The CS47L24 audio core is an entirely digital architecture, with audio effects available on all signal paths, regardless of
the respective source or destination. The digital mixing desk allows different audio effects to be applied simultaneously
on many independent paths, whilst also supporting a variety of sample rates concurrently. This helps support many new
audio use-cases. Soft mute and un-mute control allows smooth transitions between use-cases without interrupting
existing audio streams elsewhere.
The dual-core DSP system provides an extensive capability for programmable signal processing algorithms. Cirrus
Logic
’s Enhanced DRE (eDRE) software is included with the CS47L24; additional software packages can be chosen
according to the requirements of the target application. The CS47L24 can support many advanced audio processing
features, including multi-mic noise suppression, acoustic echo cancellation (AEC), and voice recognition functions. User-
programmed solutions can also be implemented.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The CS47L24 performs multi-
channel full-duplex asynchronous sample rate conversion, providing use-case flexibility across a broad range of system
architectures. Automatic sample rate detection is provided, enabling seamless wideband/narrowband voice call handover.
Dynamic Range Controller (DRC) functions are available for optimising audio signal levels. In playback modes, the DRC
can be used to maximise loudness, while limiting the signal level to avoid distortion, clipping or battery droop, in particular
for high-power output drivers such as speaker amplifiers. In record modes, the DRC assists in applications where the
signal level is unpredictable.
The 5-band parametric equaliser (EQ) functions can be used to compensate for the frequency characteristics of the
output transducers. EQ functions can be cascaded to provide additional frequency control. Programmable high-pass and
low-pass filters are also available for general filtering applications such as removal of wind and other low-frequency noise.
DIGITAL INTERFACES
Three serial digital audio interfaces (AIFs) each support PCM, TDM and I2S data formats for compatibility with most
industry-standard chipsets. AIF1 supports eight input/output channels; AIF2 supports six input/output channels; AIF3
supports two input/output channels. Bidirectional operation at sample rates up to 192kHz is supported.
Four digital PDM input channels are available (two stereo interfaces); these are typically used for digital microphones,
powered from the integrated MICBIAS power supply regulators.
The CS47L24 is equipped with a SPI control interface, operating up to 26MHz. This is primarily used for control register
access, but it can also support buffered audio data transfers associated with voice command software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com