Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 6Page - Cirrus Logic CS47L24 Datasheet HTML 7Page - Cirrus Logic CS47L24 Datasheet HTML 8Page - Cirrus Logic CS47L24 Datasheet HTML 9Page - Cirrus Logic CS47L24 Datasheet HTML 10Page - Cirrus Logic CS47L24 Datasheet HTML 11Page - Cirrus Logic CS47L24 Datasheet HTML 12Page - Cirrus Logic CS47L24 Datasheet HTML 13Page - Cirrus Logic CS47L24 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 256 page
background image
CS47L24
10
Rev 4.1
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this
device.
Cirrus Logic tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltages (DCVDD)
-0.3V
MIN (1.6V, AVDD+0.6V)
Supply voltages (CPVDD)
-0.3V
2.5V
Supply voltages (DBVDD, AVDD, MICVDD)
-0.3V
5.0V
Supply voltages (SPKVDD)
-0.3V
6.0V
Voltage range digital inputs
SUBGND - 0.3V
DBVDD + 0.3V
Voltage range digital inputs (DMICDATn)
SUBGND - 0.3V
MICVDD + 0.3V
Voltage range analogue inputs (HPOUTFB)
SUBGND - 0.3V
SUBGND + 0.3V
Ground (AGND, DGND, CPGND, SPKGND)
SUBGND - 0.3V
SUBGND + 0.3V
Operating temperature range, TA
-40ºC
+85ºC
Operating junction temperature, TJ
-40ºC
+125ºC
Storage temperature after soldering
-65ºC
+150ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com