Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 55Page - Cirrus Logic CS47L24 Datasheet HTML 56Page - Cirrus Logic CS47L24 Datasheet HTML 57Page - Cirrus Logic CS47L24 Datasheet HTML 58Page - Cirrus Logic CS47L24 Datasheet HTML 59Page - Cirrus Logic CS47L24 Datasheet HTML 60Page - Cirrus Logic CS47L24 Datasheet HTML 61Page - Cirrus Logic CS47L24 Datasheet HTML 62Page - Cirrus Logic CS47L24 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 256 page
background image
CS47L24
Rev 4.1
59
ANTI-CLIP CONTROL
The DRC includes an Anti-Clip feature to avoid signal clipping when the input amplitude rises very quickly. This feature
uses a feed-forward technique for early detection of a rising signal level. Signal clipping is avoided by dynamically
increasing the gain attack rate when required. The Anti-Clip feature is enabled using the DRCn_ANTICLIP bit.
Note that the feed-forward processing increases the latency in the input signal path.
Note that the Anti-Clip feature operates entirely in the digital domain. It cannot be used to prevent signal clipping in the
analogue domain nor in the source signal. Analogue clipping can only be prevented by reducing the analogue signal gain
or by adjusting the source signal.
QUICK RELEASE CONTROL
The DRC includes a Quick-Release feature to handle short transient peaks that are not related to the intended source
signal. For example, in handheld microphone recording, transient signal peaks sometimes occur due to user handling,
key presses or accidental tapping against the microphone. The Quick Release feature ensures that these transients do
not cause the intended signal to be masked by the longer time constant of DRCn_DCY.
The Quick-Release feature is enabled by setting the DRCn_QR bit. When this bit is enabled, the DRC measures the
crest factor (peak to RMS ratio) of the input signal. A high crest factor is indicative of a transient peak that may not be
related to the intended source signal. If the crest factor exceeds the level set by DRCn_QR_THR, then the normal decay
rate (DRCn_DCY) is ignored and a faster decay rate (DRCn_QR_DCY) is used instead.
SIGNAL ACTIVITY DETECT
The DRC incorporates a configurable signal detect function, allowing the signal level at the DRC input to be monitored
and to be used to trigger other events. This can be used to detect the presence of a microphone signal on an digital
microphone channel, or can be used to detect an audio signal received over the digital audio interface.
The DRC Signal Detect function is enabled by setting DRCn_SIG_DET register bit. (Note that the respective DRCn must
also be enabled.) The detection threshold is either a Peak level (Crest Factor) or an RMS level, depending on the
DRCn_SIG_DET_MODE register bit. When Peak level is selected, the threshold is determined by DRCn_SIG_DET_PK,
which defines the applicable Crest Factor (Peak to RMS ratio) threshold. If RMS level is selected, then the threshold is
set using DRCn_SIG_DET_RMS.
The DRC Signal Detect function is an input to the Interrupt control circuit and can be used to trigger an Interrupt event -
see “Interrupts”.
The DRC Signal Detect signal can be output directly on a GPIO pin as an external indication of the Signal Detection. See
“General Purpose Input / Output” to configure a GPIO pin for this function.
The Control Write Sequencer can be triggered by the DRC1 Signal Detect function. This is enabled using the
DRC1_WSEQ_SIG_DET_ENA register bit. See “Control Write Sequencer” for further details.
Note that signal detection is supported on DRC1 and DRC2, but the triggering of the Control Write Sequencer is
available on DRC1 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com