Electronic Components Datasheet Search
  English  ▼

X  

CS47L24 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS47L24
Description  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic CS47L24 Datasheet HTML 36Page - Cirrus Logic CS47L24 Datasheet HTML 37Page - Cirrus Logic CS47L24 Datasheet HTML 38Page - Cirrus Logic CS47L24 Datasheet HTML 39Page - Cirrus Logic CS47L24 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 256 page
background image
CS47L24
36
Rev 4.1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
IN1R_ENA
0
Input Path 1 (Right) Enable
0 = Disabled
1 = Enabled
R769
(0301h)
Input
Enables
Status
3
IN2L_ENA_STS
0
Input Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled
2
IN2R_ENA_STS
0
Input Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
IN1L_ENA_STS
0
Input Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
IN1R_ENA_STS
0
Input Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 2 Input Signal Path Enable
INPUT SIGNAL PATH SAMPLE RATE CONTROL
The input signal paths may be selected as input to the digital mixers or signal processing functions within the CS47L24
digital core. The sample rate for the input signal paths is configured using the IN_RATE register - see Table 21 within the
“Digital Core” section.
Note that sample rate conversion is required when routing the input signal paths to any signal chain that is asynchronous
and/or configured for a different sample rate.
INPUT SIGNAL PATH CONFIGURATION
A configurable high pass filter (HPF) is provided on the left and right channels of each input path. The applicable cut-off
frequency is selected using the IN_HPF_CUT register. The filter can be enabled on each path independently using the
INnx_HPF bits.
The voltage reference for the digital microphone input/output pins is selectable using the INn_DMIC_SUP registers -
each interface may be referenced to MICVDD, or to the MICBIAS1 or MICBIAS2 levels.
The DMICCLKn frequency for each stereo input path can be configured using the INn_OSR register bits.
A digital delay may be applied to any of the digital microphone input channels. This feature can be used for phase
adjustment of any digital input, including directional control of multiple microphones. The delay is controlled using the
INnL_DMIC_DLY and INnR_DMIC_DLY registers.
The input signal paths are configured using the register bits described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R780
(030Ch)
HPF
Control
2:0
IN_HPF_CUT
[2:0]
010
Input Path HPF Select
Controls the cut-off frequency of the input
path HPF circuits.
000 = 2.5Hz
001 = 5Hz
010 = 10Hz
011 = 20Hz
100 = 40Hz
All other codes are Reserved
R784
(0310h)
IN1L
15
IN1L_HPF
0
Input Path 1 (Left) HPF Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com