Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 195 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 195 Page - NEC

Back Button VR4102 Datasheet HTML 191Page - NEC VR4102 Datasheet HTML 192Page - NEC VR4102 Datasheet HTML 193Page - NEC VR4102 Datasheet HTML 194Page - NEC VR4102 Datasheet HTML 195Page - NEC VR4102 Datasheet HTML 196Page - NEC VR4102 Datasheet HTML 197Page - NEC VR4102 Datasheet HTML 198Page - NEC VR4102 Datasheet HTML 199Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
195
Figure 6-15. TLB/XTLB Refill Exception Handler (2/2)
(b) Guideline of TLB/XTLB exception handler (software)
Execute MFC0 instruction
X/Context register
ERET
Servicing by each exceoption routine
Guideline of TLB/XTLB exception handler
; The occurence of TLB Mismatch, TLB Invalid, and TLB Modified
exception is disabled by using an unmapped space.
; The occurence of the Watch and Interrupt exceptions is disabled by
setting EXL = 1.
; Other exceptions are avoided in the OS programs.
; However, the Cache error, Cold reset, Soft reset, and NMI exceptions
are enabled.
; The physical address for a virtual address loaded into the X/Context
register is loaded into the EntryLo register and written to the TLB.
; As long as a data/instruction address exists in the mapping space,
another TLB Mismatch exception may occur. In such a case, EXL = 1 is
set, causing a jump to the common exception vector. (In this case, the
common exception handler handles the TLB miss or the ERET instruction
returns control to the user program, then a TLB Mismatch exception is
generated again.)
; The execution of the ERET instruction is disabled in the branch delay
slots of other jump instructions.
; The processor does not execute an instruction in the branch delay slot
of the ERET instruction.
; PC
← EPC, EXL ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com