Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 485 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 485 Page - NEC

Back Button VR4102 Datasheet HTML 481Page - NEC VR4102 Datasheet HTML 482Page - NEC VR4102 Datasheet HTML 483Page - NEC VR4102 Datasheet HTML 484Page - NEC VR4102 Datasheet HTML 485Page - NEC VR4102 Datasheet HTML 486Page - NEC VR4102 Datasheet HTML 487Page - NEC VR4102 Datasheet HTML 488Page - NEC VR4102 Datasheet HTML 489Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 701 page
background image
CHAPTER 25 HSP (MODEM INTERFACE UNIT)
485
25.2.2 HSP Data Register, HSP Index Register
HSPDATA[15..0] is a 16-bit data port.
This register can be accessed as control registers according to the
HSPINDEX[15..0] setting.
HSPINDEX[15..0] is a write-only index register. The role of the data register changes according to the values set
to this register.
The correspondence between INDEX numbers and registers is shown below.
Table 25-2. Control Register Definitions
INDEX
WRITE
READ
Higher Byte
Lower Byte
Higher Byte
Lower Byte
0
HSPTxData[15..8]
HSPTxData[7..0]
HSPRxData[15..8]
HSPRxData[7..0]
1
HSPCNTL[9..8]
HSPCNTL[7..0]
HSPSTS[15..8]
HSPSTS[7..0]
2
Reserved
HSPEXTOUT[7..0]
HSPID[7..0]
HSPEXTIN[7..0]
3
HSPTOC[3..0]
HSPMCLK1[4..0]
HSPERRCNT[11..8] HSPERRCNT[7..0]
4
Reserved
HSPFFSZ[6..0]
Reserved
5 to 15
Reserved
Reserved
16 to 255
Setting prohibited
Setting prohibited
Described below are control registers.
(1) HSPTxData (0x0C00 0022: Index 0, Write)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
TxData[15]
TxData[14]
TxData[13]
TxData[12]
TxData[11]
TxData[10]
TxData[9]
TxData[8]
R/W
W
WW
WWW
W
W
RTCRST
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Other resets
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Bit
D7
D6D5
D4D3D2
D1
D0
Name
TxData[7]
TxData[6]
TxData[5]
TxData[4]
TxData[3]
TxData[2]
TxData[1]
TxData[0]
R/W
W
WW
WWW
W
W
RTCRST
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Other resets
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Bit
Name
Function
D[15:0]
TxData[15:0]
Transmit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com