Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 487 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 487 Page - NEC

Back Button VR4102 Datasheet HTML 483Page - NEC VR4102 Datasheet HTML 484Page - NEC VR4102 Datasheet HTML 485Page - NEC VR4102 Datasheet HTML 486Page - NEC VR4102 Datasheet HTML 487Page - NEC VR4102 Datasheet HTML 488Page - NEC VR4102 Datasheet HTML 489Page - NEC VR4102 Datasheet HTML 490Page - NEC VR4102 Datasheet HTML 491Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 701 page
background image
CHAPTER 25 HSP (MODEM INTERFACE UNIT)
487
(3) HSPEXTOUT (0x0C00 0022: Index 2, Write)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
W
WW
WWW
W
W
RTCRST
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Other resets
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
HC0
TELECON
Reserved
MUTE
AFERST
Reserved
OFFHOOK
R/W
W
WW
WWW
W
W
RTCRST
Undefined
0
0
0
0
1
0
0
Other resets
Undefined
0
0
0
0
1
0
0
Bit
Name
Function
D[15:7]
Reserved
Write 0 when writing.
D[6]
HC0
Select CODEC mode
This bit is connected to the HC0 pin.
1 : High-level signal output
0 : Low-level signal output
D[5]
TELECON
Hand set relay control
This bit is connected to the TELECON pin.
1 : High-level signal output
0 : Low-level signal output
D[4]
Reserved
Write 0 when writing.
D[3]
MUTE
Mute speaker
This bit is connected to the MUTE pin.
1 : High-level signal output
0 : Low-level signal output
D[2]
AFERST
CODEC reset
This bit is connected to the AFERST# pin.
1 : High-level signal output
0 : Low-level signal output
D[1]
Reserved
Write 0 when writing.
D[0]
OFFHOOK
OFF HOOK relay control
This bit is connected to the OFFHOOK pin.
1 : High-level signal output
0 : Low-level signal output
This register is used to set output values of various signals when the INDEX number is 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com